Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WD3153 Arkusz danych(PDF) 3 Page - Will Semiconductor Ltd.

Numer części WD3153
Szczegółowy opis  3-Channel LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WILLSEMI [Will Semiconductor Ltd.]
Strona internetowa  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD3153 Arkusz danych(HTML) 3 Page - Will Semiconductor Ltd.

  WD3153 Datasheet HTML 1Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 2Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 3Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 4Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 5Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 6Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 7Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 8Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 9Page - Will Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
WD3153
Will Semiconductor Ltd.
3
Nov. 2017 - Rev. 1.2
Absolute maximum ratings (1)
Parameter
MIN
MAX
Unit
Power supply VCC
-0.3
6.0
V
Analog pins (LED0, LED1, LED2)
-0.3
6.0
V
Digital pins (SDA, SCL, INTN)
-0.3
VCC+0.3V
with 6.0 max
V
Storage temperature Tstg
-65
150
Junction temperature TJMAX
150
Maximum lead temperature
260
Junction-to-ambient thermal resistance (DFN10L)
45
℃/W
ESD HBM
-4
4
kV
Latch-up
-450
450
mA
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated
under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
MIN
MAX
Unit
Power supply VCC
2.4
5.5
V
Digital pins
1.8
VCC
V
Junction temperature TJ
-40
125
Ambient temperature TA
-40
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com