Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WD3153 Arkusz danych(PDF) 1 Page - Will Semiconductor Ltd.

Numer części WD3153
Szczegółowy opis  3-Channel LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WILLSEMI [Will Semiconductor Ltd.]
Strona internetowa  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD3153 Arkusz danych(HTML) 1 Page - Will Semiconductor Ltd.

  WD3153 Datasheet HTML 1Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 2Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 3Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 4Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 5Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 6Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 7Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 8Page - Will Semiconductor Ltd. WD3153 Datasheet HTML 9Page - Will Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
WD3153
Will Semiconductor Ltd.
1
Nov. 2017 - Rev. 1.2
WD3153
3-Channel LED Driver
Descriptions
The WD3153 is a 3-channel LED driver designed to
produce variety of lighting effects. The device has a
program memory for creating variety of lighting
sequences. When the program memory has been
loaded, the WD3153 can operate independently
without processor control.
Three independent LED channels have accurate
programmable current sinks, from 0mA to 25mA with 5
steps and 8-bit flexible PWM control. Each channel
can be configured into each of the three program
execution engines. Program execution engines have
program
memory
for
creating
desired
lighting
sequences with PWM control.
Features
Supply voltage: 2.4V to 5.5V
Three independently programmable LED outputs
with 8-bit PWM control and 3-bit current setting
(from 0mA to 25mA)
Autonomous
operation
with
three
program
execution engines
Direct I
2C register control for lighting
I
2C Compatible Interface
Power supply support 1.8V to 5.5V
Data transfers up to 400kbps
INTN interrupt function
Typical LED output saturation voltage 80mV
LED output current accuracy ±2% and current
matching ±1%
Built-in oscillator with ±5% accuracy
Support charging indication under low battery
condition
Directly start up breathing light on LED0
Breathing period: 5s or continuous
Low power consumption
Operating current: 80uA
Less than 1uA in shut down mode
Http//:www.sh-willsemi.com
1
4
5
2
GND
3
10
7
6
9
8
LED1
LED2
LED0
INTN
VCC
SDA
CHRG
SCL
SET
NC
Pin configuration (Top view)
3 1 5 3
WDYW
DFN2X2-10L
3153
= Device code
Y
= Year code
W
= Week code
Marking
Order information
Device
Package
Shipping
WD3153D-10/TR
DFN2X2-10L
3000/Reel&Tape
Operating temperature: -40℃ to 85℃
ESD HBM 4kV
DFN2X2-10L package
Applications
Smart Phones
Tablets
Indicator lights


Podobny numer części - WD3153

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Will Semiconductor Ltd.
WD3100 WILLSEMI-WD3100 Datasheet
840Kb / 9P
200mA Flash/Torch LED Driver
WD3100B-6/TR WILLSEMI-WD3100B-6/TR Datasheet
840Kb / 9P
200mA Flash/Torch LED Driver
WD3120E WILLSEMI-WD3120E Datasheet
264Kb / 11P
1A output current, fixed 5V Output voltage, Boost Converter with 2.75A Main-Switch
WD3120E-6/TR WILLSEMI-WD3120E-6/TR Datasheet
264Kb / 11P
1A output current, fixed 5V Output voltage, Boost Converter with 2.75A Main-Switch
WD3124DA WILLSEMI-WD3124DA Datasheet
945Kb / 13P
1000mA Buck/Boost Charge Pump Flash LED Driver
More results

Podobny opis - WD3153

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Supertex, Inc
CL320 SUTEX-CL320 Datasheet
744Kb / 7P
3-Channel 20mA Linear LED Driver
CL325 SUTEX-CL325 Datasheet
744Kb / 7P
3-Channel 25mA Linear LED Driver
logo
Advanced Analogic Techn...
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
3-Channel Charge-Pump LED Driver
logo
Sitronix Technology Co....
ST1208 SITRONIX-ST1208 Datasheet
254Kb / 12P
3-Channel White LED Driver
logo
Integrated Silicon Solu...
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
3-CHANNEL FUN LED DRIVER
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
High-Performance 3-Channel LED Driver
logo
Supertex, Inc
CL325 SUTEX-CL325_08 Datasheet
604Kb / 7P
3-Channel 25mA Linear LED Driver
logo
Integrated Silicon Solu...
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
3-CHANNEL FUN LED DRIVER
logo
List of Unclassifed Man...
GS8208 ETC1-GS8208 Datasheet
1Mb / 12P
3 channel series connected LED driver
logo
MOSDESIGN SEMICONDUCTOR...
M1355 MOSDESIGN-M1355 Datasheet
253Kb / 6P
3-CHANNEL RGB LED LAMP DRIVER
2009-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com