Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCABLE21 Arkusz danych(PDF) 5 Page - SOURIAU-SUNBANK Connection Technologies

Numer części FCABLE21
Szczegółowy opis  ARINC 801 Fiber Optic Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Strona internetowa  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

FCABLE21 Arkusz danych(HTML) 5 Page - SOURIAU-SUNBANK Connection Technologies

  FCABLE21 Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies FCABLE21 Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies FCABLE21 Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies FCABLE21 Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies FCABLE21 Datasheet HTML 5Page - SOURIAU-SUNBANK Connection Technologies FCABLE21 Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
ARINC 801 | Termini and 38999 Connectors
SOURIAU offers a wide range of cables, from cost efficient to high performance aeronautical cables.
Select your optical fiber’s properties. Temperature range can be critical for your applications.
If you need any help on a criteria selection, please contact us.
* 1st value @850nm for multimode cable, 2nd value @1300nm for multimode (respectivly 1300nm and 1550nm for singlemode)
Consult us for other harsh environment cables.
Application
Fiber
type
Temperature
range
OM
class
Structure
outer
jacket
Standard
Cable
type
FOR FLyING
USE
High
performance
cables
62.5/125
1.8
-55°C to +125°C
250
OM2
4.0/2.0
20
4
Tight
ABS0963
FCABLE11
62.5/125
0.9
-55°C to +125°C
20
OM2
4.0/2.0
10
1
NA
EN4641-101
FCABLE41
62.5/125
1.8
-55°C to +100°C
300
OM1
3.0/0.8
9
4.6
Semi-
loose
ARINC802
FCABLE21
50/125
1.8
-65°C to +135°C
200
OM2
2.5/1.0
20
4
Tight
ABS2293 LG
FCABLE22
1 Select Cable
Ordering information
HA02
XXXX
XXX
M
A
Patchcord cable/terminus combination code:
XXXX: See tables below and p.6
Patchcord length:
In meter when possible. Examples:
- for a 3 meter assembly, use 003(M) and not 300(CM)
- for a 3.5 meter assembly, use 350(CM)
Length unit:
M: Meter
CM: Centimeter
Patchcord version index
Patchcord from 30 cm to 1 m
0 / + 5 cm
Patchcord from 1 m to 4 m
0 / + 10 cm
Patchcord from 4 m to 15 m
0 / + 20 cm
Patchcord > 15 m
0 / + 30 cm
Standard length tolerances
3
Determine total length
Patchcord Length
Patchcord Cable/Terminus Combination Code
2
Select Termini End 1
1
Select cable
2
Select Termini End 2
Patchcord - your optical patchcord in 3 steps!



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com