Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCABLE21 Arkusz danych(PDF) 6 Page - SOURIAU-SUNBANK Connection Technologies

Numer części FCABLE21
Szczegółowy opis  ARINC 801 Fiber Optic Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Strona internetowa  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

FCABLE21 Arkusz danych(HTML) 6 Page - SOURIAU-SUNBANK Connection Technologies

  FCABLE21 Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies FCABLE21 Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies FCABLE21 Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies FCABLE21 Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies FCABLE21 Datasheet HTML 5Page - SOURIAU-SUNBANK Connection Technologies FCABLE21 Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Plastic insertion and extraction tool
For further information contact us at technical-emear-ect@esterline.com (Europe - Asia - Africa)
technical-americas-ect@esterline.com (North America)
or visit our web site www.esterline-connection-technologies.com
ARINC 801 | Termini and 38999 Connectors
Tooling and accessories
Dummy contact
Part Number: ARC1-FILL
for male and female insert
2 Select Termini End 1 & 2 according to your selected cable,
and get your final Patchcord Cable/Terminus Combination Code
Termini
End 2
Termini
End 1
ARINC801 1.25mm
Cable types
FCABLE11
FCABLE21
FCABLE22
FCABLE41
ARINC801 1.25mm
0263
0729
0600
0642
ELIO18WGLA
0251
0726
0603
-
ELIO18WGSA
0254
0727
0602
-
LC Simplex
0536
0728
0601
0643
SC
0537
0712
0585
0688
ST
0538
0702
0576
0689
FC
-
0721
0593
0644
ELIO09NGSA
-
-
-
0645
Most common cables with most common contacts - For other combinations please consult us.
All contacts are UPC polished otherwise specified.
Part Number: M81969/14-03
Blue side: insertion
White side: extraction
ARINC 801 adaptor for LC polishing and measuring
LC Adaptor + ARINC 801 termini
= LC compatible interface
Part Number: ALC1 (contact us for availability)



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com