| Zakładka z wyszukiwarką danych komponentów |
|
GD9FS1G8F2AMG Arkusz danych(PDF) 28 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD9FS1G8F2AMG Arkusz danych(HTML) 28 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
28 / 55 page ![]() GD9Fx1GxF2A 28 2rd Byte of Device Code Description 2rd Cycle Description IO7 IO6 IO5 IO4 IO3 IO2 IO1 IO0 VCC, Bus Width 3.3v 8bits 1 1 1 1 3.3v 16bits 1 1 0 0 1.8v 8bits 1 0 1 0 1.8v 16bits 1 0 1 1 Memory density 1G 0 0 0 1 2G 0 0 1 0 4G 0 0 1 1 8G 0 1 0 0 16G 0 1 0 1 32G 0 1 1 0 64G 0 1 1 1 256G 1 0 0 0 512G 1 0 0 1 1T 1 0 1 0 2T 1 0 1 1 22G 1 1 0 0 3rd Byte of Device Identifier Description 3rd Cycle Description IO7 IO6 IO5 IO4 IO3 IO2 IO1 IO0 Internal Chip Number 1 0 0 2 0 1 4 1 0 8 1 1 Cell Type 2 Level Cell 0 0 4 Level Cell 0 1 8 Level Cell 1 0 16 Level Cell 1 1 Number of Simultaneously Programmed Pages 1 0 0 2 0 1 4 1 0 8 1 1 Interleaved Program Between Multiple Die Not Supported 0 Supported 1 Write Cache (Cache Programming) Not Supported 0 Supported 1 |