| Zakładka z wyszukiwarką danych komponentów |
|
MT7697DN Arkusz danych(PDF) 34 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MT7697DN Arkusz danych(HTML) 34 Page - List of Unclassifed Manufacturers |
|
34 / 84 page ![]() MT7697D Internet-of-Things Wireless Connectivity © 2016 MediaTek Inc. Page 34 of 84 This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s). Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited. Table 2-15. CM4 Memory Map Start address End address Function Power Domain Software Clock gating control Description 0x0000_0000 0x0000_FFFF TCM ROM CM4_OFF Tightly Coupled ROM for CM4 0x0010_0000 0x0010_FFFF TCM RAM0 CM4_OFF Tightly Coupled RAM for CM4 (64KB) 0x0011_0000 0x0011_1FFF TCM RAM1 CM4_OFF Tightly Coupled RAM for CM4 (8KB) 0x0011_2000 0x0011_3FFF TCM RAM2 CM4_OFF Tightly Coupled RAM for CM4 (8KB) 0x0011_4000 0x0011_5FFF TCM RAM3 CM4_OFF Tightly Coupled RAM for CM4 (8KB) 0x0011_6000 0x0011_7FFF TCM RAM4 CM4_OFF Tightly Coupled RAM for CM4 (8KB) 0x1000_0000 0x1FFF_FFFF Serial Flash CM4 CM4_OFF Serial flash of CM4 0x2000_0000 0x2003_FFFF SYSRAM_CM4 CM4_OFF System RAM for CM4, 256Kbytes 0x2100_0000 0x2100_FFFF SPI-S CM4_OFF 0x8300_0200[21] SPI slave 0x2200_0000 0x2200_FFFF I2S/Audio CM4_OFF 0x8300_0200[14] I2S 0x2400_0000 0x2400_FFFF SPI-M CM4_OFF 0x8300_0200[22] SPI master 0x2500_0000 0x2500_CFFF SYSRAM_N9 TOP_OFF(N9) System RAM for N9, 52Kbytes 0x3000_0000 0x3FFF_FFFF Serial Flash CM4 CM4_OFF Serial flash of CM4 through system bus 0x5000_0000 0x501F_FFFF HIF_device TOP_OFF(N9) Host interface device controller 0x5020_0000 0x502F_FFFF HIF_host_CM4 TOP_AON Host interface host controller of Wi-Fi radio 0x5040_0000 0x5FFF_FFFF (Undefined) 0x6000_0000 0x6FFF_FFFF WIFISYS TOP_OFF(N9) 0x8000_0100[5] Wi-Fi subsystem 0x7000_0000 0x70FF_FFFF PDA DMA port Patch Decryption Accelerator DMA slave 0x7800_0000 0x7800_FFFF VFF access port TOP_OFF(N9) Virtual FIFO access ports of N9 DMA |