| Zakładka z wyszukiwarką danych komponentów |
|
MT7697DN Arkusz danych(PDF) 78 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MT7697DN Arkusz danych(HTML) 78 Page - List of Unclassifed Manufacturers |
|
78 / 84 page ![]() MT7697D Internet-of-Things Wireless Connectivity © 2016 MediaTek Inc. Page 78 of 84 This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s). Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited. Pin Pin alias APGIO/ GPIO Name Dir Default dir Default PU/PD Description Pinx_pinmux_aon_sel Pinx_pinmux_off_sel 11 GPIO6 GPIO MCU_DBGACKN O O N9 JTAG debug port 0x8102_3020[27:24] 0 0x8002_5100[27:24] (0x8102_3020[27:24]=0) 0 ANTSEL[6] O RF control - 1 SPI_CS_1_M_CM4 O SPI master chip select 1 7 3 GPIO_TOPOFF[6] I/O General purpose input output - 5 GPIO_TOPAON[6] I/O General purpose input output 8 - PWM[4] O Pulse-width-modulated output 9 - EINT[5] I External interrupt 3 - 12 GPIO7 GPIO MCU_JTDO O O(Lo w) N9 JTAG debug port 0x8102_3020[31:28] 0 0x8002_5100[31:28] (0x8102_3020[31:28]=0) 0 ANTSEL[7] O RF control - 1 SPI_CS_0_M_CM4 O SPI master chip select 0 6 2 SPI_CS_EXT * O External flash interface 7 3 GPIO_TOPOFF[7] I/O General purpose input output - 5 GPIO_TOPAON[7] General purpose input output 8 - PWM[5] O Pulse-width-modulated output 9 - EINT[6] I External interrupt 3 - 15 GPIO24 GPIO [Reserved] [Reserved] 0x8102_302C[3:0] - 0x8002_510C[3:0] (0x8102_302C[2:0]=0) 0 UART_DSN_TXD_N9 O UART_DSN TX (N9) - 1 SPI_MOSI_M_CM4 O SPI master MOSI 6 2 SPI_DATA2_EXT * I/O External flash interface 7 3 I2C1_CLK I/O I2C1 CLK 4 4 GPIO_TOPOFF[24] I/O General purpose input output - 5 GPIO_TOPAON[24] I/O General purpose input output 8 - PWM[25] O Pulse width modulation 9 - [Reserved] I I PU [Reserved] 1 - [Reserved] O [Reserved] 2 - 18 GPIO25 GPIO [Reserved] [Reserved] 0x8102_302C[7:4] - 0x8002_510C[7:4] (0x8102_302C[7:4]=0) 0 SPI_MISO_M_CM4 I SPI master MISO - 2 SPI_DATA3_EXT * I/O External flash interface 7 3 I2C1_DATA I/O I2C1 DATA 4 4 GPIO_TOPOFF[25] I/O General purpose input output - 5 GPIO_TOPAON[25] I/O General purpose input output 8 - PWM[26] O Pulse width modulation 9 - [Reserved] I/O O PU Default: Low. 1 - FRAME_SYNC * I 3DD synchronization 2 - WIC[1] I External interrupt 3 - 19 GPIO26 GPIO [Reserved] [Reserved] 0x8102_302C[11:8] - 0x8002_510C[11:8] (0x8102_302C[11:8]=0) 0 SPI_SCK_M_CM4 O SPI master SCK 6 2 SPI_CLK_EXT * O External flash interface 7 3 I2S_TX O I2S TX 4 4 GPIO_TOPOFF[26] I/O General purpose input output - 5 GPIO_TOPAON[26] I/O General purpose input output 8 - PWM[27] O Pulse width modulation 9 - [Reserved] I/O O PU Default: Low. 1 - 26 GPIO27 GPIO SWD_DIO I/O CM4 SWD debug port 0x8102_302C[15:12] 5 0x8002_510C[15:12] (0x8102_302C[15:12]=0) 1 I2C0_CLK O I2C0 CLK 4 3 GPIO_TOPOFF[27] I/O General purpose input output - 5 GPIO_TOPAON[27] I/O General purpose input output 8 - PWM[28] O Pulse width modulation 9 - [Reserved] I I [Reserved] 1 - PULSE_CNT I Pulse counter input 2 - WIC[2] I External interrupt 3 - 28 GPIO28 GPIO SWD_CLK I CM4 SWD debug port 0x8102_302C[19:16] 5 0x8002_510C[19:16] (0x8102_302C[19:16]=0) 1 SPI_INT_S_N9 O SPI - 2 |