Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SBCP-80HY100H Arkusz danych(PDF) 1 Page - Kemet Corporation

Numer części SBCP-80HY100H
Szczegółowy opis  KEMET, SBCP-80HY, Power, 10 uH, 20%, 5mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation

SBCP-80HY100H Arkusz danych(HTML) 1 Page - Kemet Corporation

  SBCP-80HY100H Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: SBCP-80HY100H
(SBCP80HY100H)
KEMET, SBCP-80HY, Power, 10 uH, 20%, 5mm
Dimensions
D
9.5mm MAX
L
11mm MAX
S
5mm +/-0.5mm
LL
3.5mm +1/-0.5mm
F
0.6mm NOM
Packaging Specifications
Weight: 1.98 g
Packaging: T&R
Packaging Quantity: 2000
General Information
Series: SBCP-80HY
Style: Through-Hole
Description: Radial Leaded, Ferrite Power
Inductors
Features: DC-DC Converters, Nickel-Zinc
(NiZn) Ferrite Core
RoHS: Yes
Lead: Wire Leads
Core: Ferrite
Notes: Contains 4 Reels of 500 pieces
each
Specifications
Inductance: 10 uH (0.01 MHz)
Inductance Tolerance: 20%
Temperature Range: -20/+105C
Shielded: No
Current: 2.9 Amps
DC Resistance: 0.05 Ohms
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 2/19/2019 - 620b6f23-a02a-484e-b9b4-b89d9f1aaf09


Podobny numer części - SBCP-80HY100H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
SBCP-80HY100H NEC-SBCP-80HY100H Datasheet
2Mb / 104P
Power Inductors
More results

Podobny opis - SBCP-80HY100H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
SBCP-80HY221H KEMET-SBCP-80HY221H Datasheet
67Kb / 1P
KEMET, SBCP-80HY, Power, 220 uH, 10%, 5mm
SBCP-80HY681H KEMET-SBCP-80HY681H Datasheet
67Kb / 1P
KEMET, SBCP-80HY, Power, 680 uH, 10%, 5mm
SBCP-80HY102H KEMET-SBCP-80HY102H Datasheet
67Kb / 1P
KEMET, SBCP-80HY, Power, 1000 uH, 10%, 5mm
SBCP-80HY820H KEMET-SBCP-80HY820H Datasheet
67Kb / 1P
KEMET, SBCP-80HY, Power, 82 uH, 10%, 5mm
SBCP-80HY220H KEMET-SBCP-80HY220H Datasheet
67Kb / 1P
KEMET, SBCP-80HY, Power, 22 uH, 20%, 5mm
SBCP-80HY680H KEMET-SBCP-80HY680H Datasheet
67Kb / 1P
KEMET, SBCP-80HY, Power, 68 uH, 10%, 5mm
SBCP-80HY150H KEMET-SBCP-80HY150H Datasheet
67Kb / 1P
KEMET, SBCP-80HY, Power, 15 uH, 20%, 5mm
SBCP-80HY330H KEMET-SBCP-80HY330H Datasheet
67Kb / 1P
KEMET, SBCP-80HY, Power, 33 uH, 20%, 5mm
SBCP-80HY471H KEMET-SBCP-80HY471H Datasheet
67Kb / 1P
KEMET, SBCP-80HY, Power, 470 uH, 10%, 5mm
SBCP-80HY121H KEMET-SBCP-80HY121H Datasheet
67Kb / 1P
KEMET, SBCP-80HY, Power, 120 uH, 10%, 5mm
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com