| Zakładka z wyszukiwarką danych komponentów |
|
STM32WB55CC Arkusz danych(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CC Arkusz danych(HTML) 32 Page - STMicroelectronics |
|
32 / 165 page ![]() Functional overview STM32WB55xx 32/165 DS11929 Rev 3 SAI1 O O O O - -- -- -- -- ADC1 O O O O - -- -- -- -- VREFBUF O O O O O -- -- -- -- COMPx (x=1, 2) O OOO O OO O- -- -- Temperature sensor O O O O - -- -- -- -- Timers TIMx (x=1, 2, 16, 17) O OOO - -- -- -- -- Low-power Timer 1 (LPTIM1) O OOO O OO O- -- -- Low-power Timer 2 (LPTIM2) O OOO O O- -- -- -- Independent watchdog (IWDG) O OOO O OO OO O- -- Window watchdog (WWDG) O OOO - -- -- -- -- SysTick timer O O O O - -- -- -- -- Touch sensing controller (TSC) O OOO - -- -- -- -- True random number generator (RNG) O- O - - - -- -- -- -- AES2 hardware accelerator O O O O - -- -- -- -- CRC calculation unit O O O O - -- -- -- -- IPCC O - O - - -- -- -- -- HSEM O - O - - -- -- -- -- GPIOs O OOO O OO O (15) 5 pins (16) 5 pins - 1. Legend: Y = Yes (Enabled), O = Optional (Disabled by default, can be enabled by software), R = Data retained, - = Not available. 2. Bluetooth® Low Energy not possible in this mode. 3. Standby with SRAM2a Retention mode only. 4. Flash memory programming only possible in Range 1 voltage, not in Range 2 and not in Low Power mode. 5. The Flash memory can be configured in Power-down mode. By default, it is not in Power-down mode. 6. The SRAM clock can be gated on or off. 7. SRAM2a content is preserved when the bit RRS is set in PWR_CR3 register. 8. Stop 0 only. SMPS is automatically switched to Bypass or Open mode during Low power operation. Table 7. Features over all modes(1) (continued) Peripheral Stop0/Stop1 Stop 2 Standby Shutdown - - - - |