Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BM60213FV-C Arkusz danych(PDF) 3 Page - Rohm

Numer części BM60213FV-C
Szczegółowy opis  1200 V High Voltage High and Low Side Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BM60213FV-C Arkusz danych(HTML) 3 Page - Rohm

  BM60213FV-C Datasheet HTML 1Page - Rohm BM60213FV-C Datasheet HTML 2Page - Rohm BM60213FV-C Datasheet HTML 3Page - Rohm BM60213FV-C Datasheet HTML 4Page - Rohm BM60213FV-C Datasheet HTML 5Page - Rohm BM60213FV-C Datasheet HTML 6Page - Rohm BM60213FV-C Datasheet HTML 7Page - Rohm BM60213FV-C Datasheet HTML 8Page - Rohm BM60213FV-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/22
BM60213FV-C
TSZ02201-0818ACH00050-1-2
© 2018 ROHM Co., Ltd. All rights reserved.
26.Oct.2018 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
Recommended Range of External Constants
Pin
Name
Symbol
Recommended Value
Unit
Min
Typ
Max
VCCA
CVCCA
0.1
1.0
-
µF
VCCB
CVCCB
0.1
1.0
-
µF
VREG
CVREG
0.1
3.3
10.0
µF
Pin Configuration
Pin Descriptions
Pin No.
Pin Name
Function
1
NC
Non-connection
2
GND2
High-side ground pin
3
NC
Non-connection
4
NC
Non-connection
5
OUTAL
High-side(OUTA) output pin (Sink)
6
OUTAH
High-side(OUTA) output pin (Source)
7
VCCA
High-side power supply pin
8
NC
Non-connection
9
GND2
High-side ground pin
10
NC
Non-connection
11
GND1
Input-side ground pin
12
ENA
Input enabling signal input pin
13
INA
Control input pin for high-side
14
INB
Control input pin for low-side
15
VREG
Power supply pin for input circuit
16
VCCB
Low-side and input-side power supply pin
17
OUTBH
Low-side(OUTB) output pin (Source)
18
OUTBL
Low-side(OUTB) output pin (Sink)
19
PGND
Low-side ground pin
20
GND1
Input-side ground pin
GND1
NC
20
1
PGND
GND2
19
2
OUTBL
18
3
OUTBH
NC
17
4
VCCB
OUTAL
16
5
VREG
OUTAH
15
6
INB
VCCA
14
7
INA
NC
8
ENA
GND2
12
9
GND1
NC
11
10
13
NC
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com