Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BM60213FV-C Arkusz danych(PDF) 7 Page - Rohm

Numer części BM60213FV-C
Szczegółowy opis  1200 V High Voltage High and Low Side Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BM60213FV-C Arkusz danych(HTML) 7 Page - Rohm

Back Button BM60213FV-C Datasheet HTML 3Page - Rohm BM60213FV-C Datasheet HTML 4Page - Rohm BM60213FV-C Datasheet HTML 5Page - Rohm BM60213FV-C Datasheet HTML 6Page - Rohm BM60213FV-C Datasheet HTML 7Page - Rohm BM60213FV-C Datasheet HTML 8Page - Rohm BM60213FV-C Datasheet HTML 9Page - Rohm BM60213FV-C Datasheet HTML 10Page - Rohm BM60213FV-C Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/22
BM60213FV-C
TSZ02201-0818ACH00050-1-2
© 2018 ROHM Co., Ltd. All rights reserved.
26.Oct.2018 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
Absolute Maximum Ratings
Caution 1: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.
Caution 2: Should by any chance the maximum junction temperature rating be exceeded the rise in temperature of the chip may result in deterioration of the
properties of the chip. In case of exceeding this absolute maximum rating, design a PCB with thermal resistance taken into consideration by increasing
board size and copper area so as not to exceed the maximum junction temperature rating.
(Note 2) Relative to GND1.
(Note 3) Must not exceed Tjmax=150 °C.
Parameter
Symbol
Limits
Unit
High-side Floating Supply Voltage
VCCA
-0.3 to +1230(Note 2)
V
High-side Floating Supply Offset Voltage
GND2
VCCA-30 to VCCA+0.3
V
High-side Floating Output Voltage OUTA
VOUTA
GND2-0.3 to VCCA+0.3
V
Low-side Supply Voltage
VCCB
-0.3 to +30.0(Note 2)
V
Low-side Output Voltage OUTB
VOUTB
-0.3 to +VCCB+0.3 or +30.0(Note 2)
V
PGND Pin Voltage
VPGND
-0.3 to +7.0(Note 2)
V
Logic Input Voltage (INA, INB, ENA)
VIN
-0.3 to +VCCB+0.3 or +30.0(Note 2)
V
OUTA Pin Output Current (Peak 1 µs)
IOUTAPEAK
5.0(Note 3)
A
OUTB Pin Output Current (Peak 1 µs)
IOUTBPEAK
5.0(Note 3)
A
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum Junction Temperature
Tjmax
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com