| Zakładka z wyszukiwarką danych komponentów |
|
YRM23F2EBALN Arkusz danych(PDF) 2 Page - ZF Friedrichshafen AG |
|
|
|||||||||||||||||||||||||||||
YRM23F2EBALN Arkusz danych(HTML) 2 Page - ZF Friedrichshafen AG |
|
2 / 2 page ![]() www.cherryswitches.com Page 2 of 2, Last update 2016-01-20, Specifications subject to change without notice. Electrical Specifications Inrush Rating – 2 position 48 A Inrush Rating – 3 position 24 A Dielectric Strength 1000 VAC for 1 minute Insulation Resistance 100 MΩ min at 500 VDC Initial Contact Resistance 0.020 Ω max Electrical Ratings Switch Function EN61058-1 UL Gen Purpose 1054 UL HP ALL 16 (8) A 250V ~ T125/55 (10k operations) 20 A 125 VAC / 16 A 250 VAC ¾ HP 125 / 250 VAC 10 (2) A 250V ~ T125/55 (50k operations) Electrical Life at Rated Load VDE UL Minimum Operations 10,000 (16(8) A) 6,000 50,000 (10(2) A) UL File No: E23301 Material and Environmental Specifications Actuator, non-lighted Nylon 66 94V-2 Actuator, lighted Polycarbonate Base Nylon 66 94V-2 Spring Steel Wire Contacts Silver Alloy Movable Arm Silver-Plated Copper Alloy Terminals Tin-Plated Copper Alloy Operating Temperature Range 0 OC to +85 OC (32 OF to +185 OF) Circuitry and Switch Functions Dimensions mm (inches) |