| Zakładka z wyszukiwarką danych komponentów |
|
YRM23F2EBALN Arkusz danych(PDF) 1 Page - ZF Friedrichshafen AG |
|
|
|||||||||||||||||||||||||||||
YRM23F2EBALN Arkusz danych(HTML) 1 Page - ZF Friedrichshafen AG |
|
1 / 2 page ![]() www.cherryswitches.com Page 1 of 2, Last update 2016-01-20, Specifications subject to change without notice. Rocker Switch Double (and Single) Pole YR Series Features • Lighted and non-lighted versions • RoHS Compliant • Minimum 50,000 operations mechanical life • High current rating – up to 20 A Standard Parts 1 North America and Europe Europe YRM32F2BBBNN YRM32F2BBRLN YRM32F2FBBNN YRM33F2BBBNN YRM32F2BBREN 1The part number configuration matrix below provides details to the part numbers above. For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or your distributor. Part Number Breakdown YRM32F2FBBNN YR M 3 2 F 2 Series Contact Rating 2 Circuitry Switch Function Terminal Type Actuator Type YR M 2 Single pole 2 ON-OFF F 6.4 mm (0.250”) quick connect 2 Curved 3 Double pole 3 ON-ON 5 Flat 6 (ON)-ON 2See Electrical Specifications section F B B N N 01 Actuator Marking Housing Color Actuator Color Lighted Body Type B Blank B Black A Amber N Non-lighted N 4 No rocker boot C HI LO W White B Black E 250 VAC bulb D ON OFF Y Grey C Brown L 125 VAC bulb E O I G Green H 12 VDC LED 3 F I O M Yellow G 6 VDC LED 3 R Red F 5 VDC LED 3 U Blue K 250 VAC small red bulb W White J 125 VAC small red bulb Y Grey 3Switches have no agency DC ratings 4A splash-proof boot (with bezel) can be ordered separately as part number 00150646 |
Podobny numer części - YRM23F2EBALN |
|
Podobny opis - YRM23F2EBALN |