| Zakładka z wyszukiwarką danych komponentów |
|
TS7221BILT Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS7221BILT Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() TS7221 2/9 ABSOLUTE MAXIMUM RATINGS OPERATING CONDITIONS Symbol Parameter Value Unit ESD Human body model (HBM) 2000 V Machine model (MM) 200 VID Differential Input Voltage (VCC -) -0.3 to (V CC +) +0.3 V VIN Input Voltage 1) (VCC -) -0.3 to (V CC +) +0.3 V VOUT Output Voltage 12 V VCC Supply voltage 12 V IIN Current at input pins ± 5 mA IOUT Current at output pin ± 30 mA TLead Lead temperature (soldering 10 seconds) 250 °C TSTG Storage Temperature -65 to +150 °C TJ Junction Temperature 150 °C PD Power dissipation 2) SOT23-5 500 mW 1. The magnitude of input voltages must never exceed 0.3V beyond the supply voltage. 2. TJ= 150°C, TAMB = 25 oC with R TH-JA = 250 oC/W for SOT23-5 package Symbol Parameter Value Unit VCC Supply Voltage 2.7 to 10 V TAMB Ambient Temperature -40 to +85 °C VICM Common mode input voltage range (VCC -) -0.3 to (V CC +) +0.3 V |