| Zakładka z wyszukiwarką danych komponentów |
|
TS7221BILT Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS7221BILT Arkusz danych(HTML) 4 Page - STMicroelectronics |
|
4 / 9 page ![]() TS7221 4/9 ELECTRICAL CHARACTERISTICS V CC + = 5V, T AMB = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit VIO Input Offset Voltage (Full common mode range) TS7221A TMIN ≤ TAMB ≤ TMAX TS7221B TMIN ≤ TAMB ≤ TMAX 7 10 15 18 mV ∆V IO Input Offset Voltage Drift with temperature 6 µV/oC IIB Input Bias Current 1) TMIN ≤ TAMB ≤ TMAX 1 300 600 pA IIO Input Offset Current 1) TMIN ≤ TAMB ≤ TMAX 1 150 300 pA CMRR Common-mode Rejection Ratio (0 < Vicm < 5V) 70 dB PSRR Power Supply Rejection Ratio (2.7 < VCC < 10V) 80 dB AVD Voltage Gain 2) 240 dB VICM Input Common Mode Voltage Range (upper rail) TMIN ≤ TAMB ≤ TMAX 5.3 5.0 V Input Common Mode Voltage Range (lower rail) TMIN ≤ TAMB ≤ TMAX -0.3 0.0 IOH High Level Output Voltage (IN+=0.5V, IN-=0V & OUT=10V) 0.1 500 nA VOL Low Level Output Voltage - Isink = 5mA TMIN ≤ TAMB ≤ TMAX 0.2 0.40 0.55 V ICC Supply Current Output low Output high 6 8 12 14 µA TPLH Response Time Low to High (VIC = 2.5V, CL = 50pF, RL=10kΩ ) Overdrive = 10mV Overdrive = 100mV 2 0.5 µs TPHL Response Time High to Low (Vic = 2.5V, CL = 50pF, RL=10kΩ ) Overdrive = 10mV Overdrive = 100mV 2 0.4 µs TF Fall Time (CL = 50pF, RL=5kΩ ) Overdrive = 10mV 0.3 µs TR Rise Time (CL = 50pF, RL=5kΩ ) Overdrive = 10mV 0.3 µs 1) Maximum values include unavoidable inaccurates of the industrial test. 2) Design evaluation. 3) Limits are 100% production tested at +25°C. Limits over temperature are guaranteed through correlation and by design. |