| Zakładka z wyszukiwarką danych komponentów |
|
2225B104F152CT Arkusz danych(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION |
|
|
|||||||||||||||||||||||||||||
2225B104F152CT Arkusz danych(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION |
|
5 / 10 page ![]() Multilayer Ceramic Capacitors Approval Sheet Page 5 of 10 ASC_1825 2220 2225_025I_DS May. 2019 DIELECTRIC X7R SIZE 2225 RATED VOLTAGE (VDC) 25 50 100 200 250 500 630 1000 1500 2000 3000 4000 1,000pF (102) K K K K K K K K K K K K 1,200pF (122) K K K K K K K K K K K M 1,500pF (152) K K K K K K K K K K K M 1,800pF (182) K K K K K K K K K K K M 2,200pF (222) K K K K K K K K K K K 2,700pF (272) K K K K K K K K K K K 3,300pF (332) K K K K K K K K K K K 3,900pF (392) K K K K K K K K K K K 4,700pF (472) K K K K K K K K K K K 5,600pF (562) K K K K K K K K K K M 6,800pF (682) K K K K K K K K K K M 8,200pF (822) K K K K K K K K K K M 0.010 µF (103) K K K K K K K K K K M 0.012 µF (123) K K K K K K K K M M M 0.015 µF (153) K K K K K K K K M M M 0.018 µF (183) K K K K K K K K M M U 0.022 µF (223) K K K K K K K K M M 0.027 µF (273) K K K K K K K K M M 0.033 µF (333) K K K K K K K K M M 0.039 µF (393) K K K K K K K K U U 0.047 µF (473) K K K K K K K K U U 0.056 µF (563) K K K K K K K K U U 0.068 µF (683) K K K K K K K K 0.082 µF (823) K K K K K K K K 0.10 µF (104) K K K K K K K M 0.12 µF (124) K K K K K K K U 0.15 µF (154) K K K K K K K U 0.18 µF (184) K K K K K K K U 0.22 µF (224) K K K K K K K U 0.27 µF (274) K K K K K K K 0.33 µF (334) K K K K K K K 0.39 µF (394) K K K K K K K 0.47 µF (474) K K K K K K K 0.56 µF (564) K K K K K K K 0.68 µF (684) K K K K K 0.82 µF (824) K K K K K 1.0 µF (105) K K K K K 1.5 µF (155) K K K M M 2.2 µF (225) K K K M M 3.3 µF (335) K K K 4.7 µF (475) K K 6.8 µF (685) M M 10 µF (106) U U 1. The letter in cell is expressed the symbol of product thickness. 2. For more information about products with special capacitance or other data, please contact WTC local representative. 5. PACKAGING STYLE AND QUANTITY Size Thickness/Symbol (mm) Plastic tape 7” reel 13” reel 1825 (4563) 2220 (5750) 2225 (5763) 2.00±0.20 K 1000 - 2.50±0.30 M 500 - 2.80±0.30 U 500 - Unit: pieces |