Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2225B104F152CT Arkusz danych(PDF) 10 Page - WALSIN TECHNOLOGY CORPORATION

Numer części 2225B104F152CT
Szczegółowy opis  Halogen Free & RoHS Compliance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Strona internetowa  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

2225B104F152CT Arkusz danych(HTML) 10 Page - WALSIN TECHNOLOGY CORPORATION

Back Button 2225B104F152CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION 2225B104F152CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 10 of 10
ASC_1825 2220 2225_025I_DS
May. 2019
Lead-free: Soldering temperature = 235 to 260°C, de pending on product.
Maximum temperature = Minimum temperature (235°C)+
T+ Tolerance for oven process and
measurement(5 ~ 7°C)
Time at peak temperature = 10sec, Dwell above 217°C = 90sec, Ramping rate = 3°C/sec (heating) and
6°C/sec (heating).
Classification Reflow Profiles
Note: For example, TC is 260°C and
time
tP is 15 seconds.
For user: The peak temperature
must not exceed 260°C. The time
above 255°C must not exceed 15
seconds.
◙ Cooling
After soldering, cool the chips and the substrate gradually to room temperature. Natural cooling in air is
recommended to minimize stress in the solder joint. A cooling rate not exceeding 4°C per second should be
used when forced cooling is necessary.
◙ Cleaning
All flux residues must be removed by using suitable electronic-grade vapor-cleaning solvents to
eliminate contamination that could cause electrolytic surface corrosion. Good results can be obtained by
using ultrasonic cleaning of the solvent. The choice of the proper system is depends upon many factors such
as component mix, flux, and solder paste and assembly method. The ability of the cleaning system to remove
flux residues and contamination from under the chips is very important.
Chip Size
T
0805,1206
100 °C
1210, 1808, 1812,
1825, 2211, 2220, 2225
50°C
Soldering
Solder
Temp.(TC)
Soldering
Time (tP)
Reflow
235 – 260 °C
< 15 sec.
T



Html Pages

1 2 3 4 5 6 7 8 9 10