Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACAR3705-S698-EVB Arkusz danych(PDF) 3 Page - Abracon Corporation

Numer części ACAR3705-S698-EVB
Szczegółowy opis  4G/LTE Ceramic Chip Antenna Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABRACON [Abracon Corporation]
Strona internetowa  https://abracon.com
Logo ABRACON - Abracon Corporation

ACAR3705-S698-EVB Arkusz danych(HTML) 3 Page - Abracon Corporation

  ACAR3705-S698-EVB Datasheet HTML 1Page - Abracon Corporation ACAR3705-S698-EVB Datasheet HTML 2Page - Abracon Corporation ACAR3705-S698-EVB Datasheet HTML 3Page - Abracon Corporation ACAR3705-S698-EVB Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 09-3-19
4G/LTE Ceramic Chip Antenna Evaluation Board
107.0 x 45.0 mm
ACAR3705-S698-EVB
Matching Network on EVB
Antenna matching network is designed using a combination of inductor and resistor near the input terminal.
Note :
1. White space around the chip antenna in “Chip Antenna Layout” represents the ground clearance area.
2. Desired clearance area : 45 x 14.5 mm
3. Width of the 50 Ω line is designed in accordance with the PCB thickness and material considered.
4. Matching network (Pi - network) provided is in accordance with the EVB layout and matching will
differ in the actual customer PCB depending on the layout.
Circuit Symbol
Size
Description
L1
0402
6.8 nH
R1
0402
3 pF



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com