Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACAR3705-S698-EVB Arkusz danych(PDF) 4 Page - Abracon Corporation

Numer części ACAR3705-S698-EVB
Szczegółowy opis  4G/LTE Ceramic Chip Antenna Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABRACON [Abracon Corporation]
Strona internetowa  https://abracon.com
Logo ABRACON - Abracon Corporation

ACAR3705-S698-EVB Arkusz danych(HTML) 4 Page - Abracon Corporation

  ACAR3705-S698-EVB Datasheet HTML 1Page - Abracon Corporation ACAR3705-S698-EVB Datasheet HTML 2Page - Abracon Corporation ACAR3705-S698-EVB Datasheet HTML 3Page - Abracon Corporation ACAR3705-S698-EVB Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LLC
ABRACON IS
ISO9001-2015
CERTIFIED
5101 Hidden Creek Ln Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
REVISED: 09-3-19
4G/LTE Ceramic Chip Antenna Evaluation Board
107.0 x 45.0 mm
ACAR3705-S698-EVB
Chip Antenna Dimension
Unit: mm
ATTENTION: Abracon LLC’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependent Medical applications or any application requiring high reliability
where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment,
written consent and authorization from Abracon LLC is required. Please contact Abracon LLC for more information.



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com