Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CMD158 Arkusz danych(PDF) 5 Page - Custom MMIC Design Services, Inc.

Numer części CMD158
Szczegółowy opis  6-16 GHz Driver Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MMIC [Custom MMIC Design Services, Inc.]
Strona internetowa  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD158 Arkusz danych(HTML) 5 Page - Custom MMIC Design Services, Inc.

  CMD158 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD158 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD158 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD158 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD158 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD158 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD158 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD158 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD158 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
P1dB vs. Temperature, Vdd = 5.0 V
Typical Performance
Output IP3, Vdd = 5.0 V, Idd = 95 mA, TA = 25
oC
CMD158
CMD158
CMD158
6-16 GHz Driver Amplifier
16
17
18
19
20
21
22
23
6
7
8
9
10
11
12
13
14
15
16
Frequency/GHz
+25C
+85C
-40C
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
6
7
8
9
10
11
12
13
14
15
16
Frequency/GHz
+25C
+85C
-40C
ver 1.1 0516



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com