Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSC6331ME1BA-T Arkusz danych(PDF) 21 Page - Microchip Technology

Numer części DSC6331ME1BA-T
Szczegółowy opis  Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6331ME1BA-T Arkusz danych(HTML) 21 Page - Microchip Technology

Back Button DSC6331ME1BA-T Datasheet HTML 17Page - Microchip Technology DSC6331ME1BA-T Datasheet HTML 18Page - Microchip Technology DSC6331ME1BA-T Datasheet HTML 19Page - Microchip Technology DSC6331ME1BA-T Datasheet HTML 20Page - Microchip Technology DSC6331ME1BA-T Datasheet HTML 21Page - Microchip Technology DSC6331ME1BA-T Datasheet HTML 22Page - Microchip Technology DSC6331ME1BA-T Datasheet HTML 23Page - Microchip Technology DSC6331ME1BA-T Datasheet HTML 24Page - Microchip Technology DSC6331ME1BA-T Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
 2017 Microchip Technology Inc.
DS20005808A-page 21
DSC63XX
4-Lead CDFN 3.2 mm x 2.5 mm Package Outline and Recommended Land Pattern
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
TITLE
4 LEAD CDFN 3.2x2.5mm COL PACKAGE OUTLINE & RECOMMENDED LAND PATTERN
DRAWING # CDFN3225-4LD-PL-1
UNIT MM
NOTE:
1.
Green shaded rectangles in Recommended Land Pattern are solder stencil opening.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com