| Zakładka z wyszukiwarką danych komponentów |
|
SAFC161PI Arkusz danych(PDF) 82 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
SAFC161PI Arkusz danych(HTML) 82 Page - Infineon Technologies AG |
|
82 / 400 page ![]() &3, 7KH &HQWUDO 3URFHVVLQJ 8QLW &38 User’s Manual 4-34 1999-08 The Constant Zeros Register ZEROS All bits of this bit-addressable register are fixed to ’0’ by hardware. This register can be read only. Register ZEROS can be used as a register-addressable constant of all zeros, i.e. for bit manipulation or mask generation. It can be accessed via any instruction, which is capable of addressing an SFR. The Constant Ones Register ONES All bits of this bit-addressable register are fixed to ’1’ by hardware. This register can be read only. Register ONES can be used as a register-addressable constant of all ones, i.e. for bit manipulation or mask generation. It can be accessed via any instruction, which is capable of addressing an SFR. ZEROS Zeros Register SFR (FF1C H/8EH) Reset value: 0000 H 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 00 000 00 00 00 000 00 r r r r r r r r r r r r r r r r ONES Ones Register SFR (FF1E H/8FH) Reset Value: FFFF H 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 11 111 11 11 11 111 11 r r r r r r r r r r r r r r r r |