| Zakładka z wyszukiwarką danych komponentów |
|
NX8564LE895-BC Arkusz danych(PDF) 3 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
NX8564LE895-BC Arkusz danych(HTML) 3 Page - California Eastern Labs |
|
3 / 11 page ![]() NX8564/8565/8566LE SERIES PARAMETER SPECIFICATION UNIT Mode Field Diameter 9.3±0.5 μ m Cladding Diameter 125±1 μ m Tight Buffer Diameter 900±100 μ m Cut-off Wavelength < 1270 nm Attenuation 1525 to 1575 nm < 0.3 dB/km Minimum Fiber Bending Radius 30 mm Fiber Length 900 MIN. mm Flammability UL1581 VW-1 OPTICAL FIBER CHARACTERISTICS -CC : SC-UPC connector -BC : FC-UPC connector Fiber Length : 900 mm MIN. 35±2 mm |