| Zakładka z wyszukiwarką danych komponentów |
|
NX8564LE895-BC Arkusz danych(PDF) 4 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
NX8564LE895-BC Arkusz danych(HTML) 4 Page - California Eastern Labs |
|
4 / 11 page ![]() NX8564/8565/8566LE SERIES Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (1/2) NX856 LE - CC : SC-UPC connector BC : FC-UPC connector (option) Without wavelength code : Wavelength is a certain point between 1528 to 1565 nm, 1579 to 1609 nm With wavelength code : Refer to Table A 4 : 360 km (6480 ps/nm) 5 : 600 km (10800 ps/nm) 6 : 240 km (4320 ps/nm) Wavelength Code ITU-T Wavelength *1 (nm) Frequency (THz) Wavelength Code ITU-T Wavelength *1 (nm) Frequency (THz) 287 1528.77 196.10 485 1548.51 193.60 295 1529.55 196.00 493 1549.31 193.50 303 1530.33 195.90 501 1550.11 193.40 311 1531.11 195.80 509 1550.91 193.30 318 1531.89 195.70 517 1551.72 193.20 326 1532.68 195.60 525 1552.52 193.10 334 1533.46 195.50 533 1553.32 193.00 342 1534.25 195.40 541 1554.13 192.90 350 1535.03 195.30 549 1554.94 192.80 358 1535.82 195.20 557 1555.74 192.70 366 1536.60 195.10 565 1556.55 192.60 373 1537.39 195.00 573 1557.36 192.50 381 1538.18 194.90 581 1558.17 192.40 389 1538.97 194.80 589 1558.98 192.30 397 1539.76 194.70 597 1559.79 192.20 405 1540.55 194.60 606 1560.60 192.10 413 1541.34 194.50 614 1561.41 192.00 421 1542.14 194.40 622 1562.23 191.90 429 1542.93 194.30 630 1563.04 191.80 437 1543.73 194.20 745 1574.54 190.40 445 1544.52 194.10 753 1575.36 190.30 453 1545.32 194.00 761 1576.19 190.20 461 1546.11 193.90 770 1577.02 190.10 469 1546.91 193.80 778 1577.85 190.00 477 1547.71 193.70 786 1578.68 189.90 *1 The value which omitted and computed the 3rd place below the decimal point ORDERING INFORMATION PART NUMBER PACKAGING NX8564-AZ* Butterfly Package NX8565-AZ* NX8566-AZ* *NOTE: Please refer to the last page of this data sheet, “Compliance with EU Directives” for Pb-Free RoHS Compliance Infomation. |