Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SRX47UBDPEXP Arkusz danych(PDF) 2 Page - Tripp Lite. All Rights Reserved

Numer części SRX47UBDPEXP
Szczegółowy opis  47U Deep Server Rack, Euro-Series - 1200 mm Depth, Expandable Cabinet, Side Panels Not Included
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRX47UBDPEXP Arkusz danych(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRX47UBDPEXP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRX47UBDPEXP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRX47UBDPEXP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Card Industry Data Security Standard) compliance. This is essential for companies that process, store
and/or transmit credit card information.
OVERVIEW
UPC Code
037332221643
PHYSICAL
Rack Height
47U
Maximum Device Depth (in.)
41.34
Maximum Device Depth (cm)
105.00
Minimum Device Depth (in.)
4
Minimum Device Depth (cm)
10.16
Shipping Dimensions (hwd / in.)
97.20 x 25.75 x 50.72
Shipping Dimensions (hwd / cm)
246.89 x 65.40 x 128.83
Shipping Weight (lbs.)
287.58
Shipping Weight (kg)
130.44
Unit Dimensions (hwd / in.)
78.5 x 23.62 x 49.060
Unit Dimensions (hwd / cm)
199.39 x 60.02 x 124.61
Unit Weight (lbs.)
234.510
Unit Weight (kg)
106.37
Color
Black
Weight Capacity - Stationary (lbs.)
3000
Weight Capacity - Rolling (lbs.)
2250
Weight Capacity - Stationary (kg)
1,361
Weight Capacity - Rolling (kg)
1,021
Factory Preset Rack Depth (in.)
22.75
Factory Preset Rack Depth (cm)
57.8
Factory Preset Rack Depth (mm)
578
Maximum Device Depth (mm)
1,050
Minimum Device Depth (mm)
102
SPECIAL FEATURES
Grounding Lug
Front and Back door frames
CERTIFICATIONS
2 / 3



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com