Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SRX47UBDPEXP Arkusz danych(PDF) 1 Page - Tripp Lite. All Rights Reserved

Numer części SRX47UBDPEXP
Szczegółowy opis  47U Deep Server Rack, Euro-Series - 1200 mm Depth, Expandable Cabinet, Side Panels Not Included
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRX47UBDPEXP Arkusz danych(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRX47UBDPEXP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRX47UBDPEXP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRX47UBDPEXP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
47U Deep Server Rack, Euro-Series - 1200 mm
Depth, Expandable Cabinet, Side Panels Not
Included
MODEL NUMBER: SRX47UBDPEXP
47U rack cabinet houses, organizes and secures deeper standard-width rack equipment in high-density
server and IT networking areas.
Features
Extra-Deep Server Cabinet Accommodates 47U of Standard Rack Equipment
This SmartRack® 47U rack enclosure is designed for network wiring closets, retail locations, classrooms,
back offices and other areas with essential rack-mount IT equipment. It is 1200 millimeters deep and
supports mounting of equipment up to 1050 millimeters deep. This allows high-density equipment
installations, extra space for cable management, and room for removing hot-swap power supplies from
the rear of mounted devices. Constructed from heavy-duty steel with a durable black powder-coated
finish, the SRX47UBDPEXP has a maximum stationary load capacity of 1360 kilograms and a maximum
rolling load capacity of 1020 kilograms.
Keeps Important Equipment Secure
The reversible front door and split rear doors lock securely to help prevent damage, tampering or theft.
The doors and top panel are designed for quick release, making it easy to access connected equipment
and cabling with little effort. Convenient top access ports and an open bottom allow easy cable routing
through the cabinet. The vented doors allow generous airflow from front to rear to keep your equipment
cool and functioning at their peak.
Easy Enclosure and Equipment Installation
This 47U server rack comes fully assembled for quick and easy deployment with pre-installed casters that
let you maneuver it over a level, smooth, stable surface and through a standard two-meter doorway into
position, where it can be stabilized by adjusting the levelers. Four mounting rails adjust in 6.35-millimeter
increments to accommodate equipment up to 1050 millimeters deep. Toolless 0U mounting rails allow
quick installation of up to four compatible PDUs and vertical cable managers.
Designed for Baying Multiple Enclosures in a Row
This expansion model comes without side panels for baying with other rack cabinets in a row. Integrated
baying tabs make it easy to combine multiple units. This rack is also compatible with hot aisle/cold aisle
configurations. Center-to-center width can be set at 600 millimeters to match standard data-center floor
tiles.
Meets Payment Card Industry Standards
The SRX47UBDPEXP provides physical equipment and media security required for PCI DSS (Payment
Highlights
47U rack constructed from
powder-coated steel that stands
up to tough environments
q
Front and split rear doors lock
securely to help prevent
damage, tampering or theft
q
Ships fully assembled for quick
deployment on pre-installed
casters
q
Comes without side panels for
easy baying with multiple rack
cabinets in a row
q
Mounting rails accept standard
rack equipment up to 1050 mm
deep
q
Applications
Store and organize deeper-than-
usual rack-mount equipment in
a network closet, data center or
other area where you need
components to be secure
q
Package Includes
SRX47UBDPEXP 47U Server
Rack
q
(2) Keys
q
(50) M6 screws
q
(50) M6 washers
q
(50) M6 cage nuts
q
Owner's manual
q
1 / 3


Podobny numer części - SRX47UBDPEXP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SRX47UBDP TRIPPLITE-SRX47UBDP Datasheet
166Kb / 3P
47U Deep Server Rack, Euro-Series - 1200 mm Depth, Doors & Side Panels Included
SRX47UBDPWD TRIPPLITE-SRX47UBDPWD Datasheet
169Kb / 3P
47U Deep & Wide Server Rack, Euro-Series - 1200 mm Depth, 800 mm Width, Doors & Side Panels Included
SRX47UBDPWDEXP TRIPPLITE-SRX47UBDPWDEXP Datasheet
177Kb / 3P
47U Deep & Wide Server Rack, Euro-Series - 1200 mm Depth, 800 mm Width, Side Panels Not Included
More results

Podobny opis - SRX47UBDPEXP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SRX42UB TRIPPLITE-SRX42UB Datasheet
165Kb / 3P
42U Server Rack, Euro-Series ??Expandable Cabinet, Standard Depth, Doors & Side Panels Included
SRX42UBDPEXP TRIPPLITE-SRX42UBDPEXP Datasheet
171Kb / 3P
42U Deep Server Rack, Euro-Series - 1200 mm Depth, Expandable Cabinet, Side Panels Not Included
SRX47UBEXP TRIPPLITE-SRX47UBEXP Datasheet
172Kb / 3P
47U Server Rack, Euro-Series - Expandable Cabinet, Standard Depth, Side Panels Not Included
SRX47UBWD TRIPPLITE-SRX47UBWD Datasheet
169Kb / 3P
47U Wide Server Rack, Euro-Series - 800 mm Width, Expandable Cabinet, Doors & Side Panels Included
SRX47UBWDEXP TRIPPLITE-SRX47UBWDEXP Datasheet
177Kb / 3P
47U Wide Server Rack, Euro-Series - 800 mm Width, Expandable Cabinet, Side Panels Not Included
SRX42UBEXP TRIPPLITE-SRX42UBEXP Datasheet
173Kb / 3P
42U Server Rack, Euro-Series - Expandable Cabinet, Standard Depth, Side Panels Not Included
SRX47UB TRIPPLITE-SRX47UB Datasheet
229Kb / 3P
47U Server Rack, Euro-Series ??Expandable Cabinet, Standard Depth, Doors & Side Panels Included
SRX47UBDP TRIPPLITE-SRX47UBDP Datasheet
166Kb / 3P
47U Deep Server Rack, Euro-Series - 1200 mm Depth, Doors & Side Panels Included
SRX47UBDPWD TRIPPLITE-SRX47UBDPWD Datasheet
169Kb / 3P
47U Deep & Wide Server Rack, Euro-Series - 1200 mm Depth, 800 mm Width, Doors & Side Panels Included
SRX47UBDPWDEXP TRIPPLITE-SRX47UBDPWDEXP Datasheet
177Kb / 3P
47U Deep & Wide Server Rack, Euro-Series - 1200 mm Depth, 800 mm Width, Side Panels Not Included
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com