Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1017510 Arkusz danych(PDF) 1 Page - PHOENIX CONTACT

Numer części 1017510
Szczegółowy opis  PCB terminal block, Wave soldering, Push-in spring connection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1017510 Arkusz danych(HTML) 1 Page - PHOENIX CONTACT

  1017510 Datasheet HTML 1Page - PHOENIX CONTACT 1017510 Datasheet HTML 2Page - PHOENIX CONTACT 1017510 Datasheet HTML 3Page - PHOENIX CONTACT 1017510 Datasheet HTML 4Page - PHOENIX CONTACT 1017510 Datasheet HTML 5Page - PHOENIX CONTACT 1017510 Datasheet HTML 6Page - PHOENIX CONTACT 1017510 Datasheet HTML 7Page - PHOENIX CONTACT 1017510 Datasheet HTML 8Page - PHOENIX CONTACT 1017510 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PCB terminal block, Wave soldering, Push-in
spring connection
Order No.: 1017510
Type: TDPT 2,5/ 9-SP-5,08
Data sheet
1
Main features
2
Your advantages
 No. of pos.
9
 Nominal current
32 A
 Conductor cross section
2.5 mm²
 Nominal voltage
400 V
 Color
green
 Connection direction
0 °
 Pitch
5.08 mm
 Type of packaging
packed in cardboard
 Connection method
Push-in spring connection
Easy to adapt, thanks to their identical size and the same pinning for Push-in spring connections as for screw
connections
Time saving push-in connection, tools not required
Defined contact force ensures that contact remains stable over the long term
Intuitive use through colour coded actuation lever
Make sure you always use the latest documentation.
It can be downloaded at: phoenixcontact.net/product/1017510
2018-04-23
Product version 00
The figure shows a 10-position version of the
product
Document revision 00


Podobny numer części - 1017510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weidmuller
1017510000 WEIDMULLER-1017510000 Datasheet
684Kb / 8P
BLF 5.00HC/09/180F SN OR BX
More results

Podobny opis - 1017510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
1017503 PHOENIX-1017503 Datasheet
406Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017504 PHOENIX-1017504 Datasheet
401Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017505 PHOENIX-1017505 Datasheet
400Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017506 PHOENIX-1017506 Datasheet
402Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017507 PHOENIX-1017507 Datasheet
400Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017508 PHOENIX-1017508 Datasheet
401Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017509 PHOENIX-1017509 Datasheet
400Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017512 PHOENIX-1017512 Datasheet
402Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017531 PHOENIX-1017531 Datasheet
430Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
1017534 PHOENIX-1017534 Datasheet
429Kb / 12P
PCB terminal block, Wave soldering, Push-in spring connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com