Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1017510 Arkusz danych(PDF) 10 Page - PHOENIX CONTACT

Numer części 1017510
Szczegółowy opis  PCB terminal block, Wave soldering, Push-in spring connection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1017510 Arkusz danych(HTML) 10 Page - PHOENIX CONTACT

Back Button 1017510 Datasheet HTML 4Page - PHOENIX CONTACT 1017510 Datasheet HTML 5Page - PHOENIX CONTACT 1017510 Datasheet HTML 6Page - PHOENIX CONTACT 1017510 Datasheet HTML 7Page - PHOENIX CONTACT 1017510 Datasheet HTML 8Page - PHOENIX CONTACT 1017510 Datasheet HTML 9Page - PHOENIX CONTACT 1017510 Datasheet HTML 10Page - PHOENIX CONTACT 1017510 Datasheet HTML 11Page - PHOENIX CONTACT 1017510 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1017510 TDPT 2,5/ 9-SP-5,08
REF 1017503
PHOENIX CONTACT 10 / 12
2018-04-23
Product version 00
Document revision 00
11
Current carrying capacity/derating curves
Type: TDPT 2,5/...-SP-5,08
Specification
IEC 60512-5-2:2002-02
Reduction factor
1
Number of positions
4
0 10 2030405060708090 100 110
0
4
8
12
16
20
24
28
32
36
44
40
48
52
56
= 4 mm² solid
Ambient temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com