Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSC1122AI2-T Arkusz danych(PDF) 4 Page - Microchip Technology

Numer części DSC1122AI2-T
Szczegółowy opis  Low-Jitter Precision LVPECL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1122AI2-T Arkusz danych(HTML) 4 Page - Microchip Technology

  DSC1122AI2-T Datasheet HTML 1Page - Microchip Technology DSC1122AI2-T Datasheet HTML 2Page - Microchip Technology DSC1122AI2-T Datasheet HTML 3Page - Microchip Technology DSC1122AI2-T Datasheet HTML 4Page - Microchip Technology DSC1122AI2-T Datasheet HTML 5Page - Microchip Technology DSC1122AI2-T Datasheet HTML 6Page - Microchip Technology DSC1122AI2-T Datasheet HTML 7Page - Microchip Technology DSC1122AI2-T Datasheet HTML 8Page - Microchip Technology DSC1122AI2-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
–20
—
+70
°C
Ordering Option E
–40
—
+85
°C
Ordering Option I
–40
—
+105
°C
Ordering Option L
Junction Temperature
TJ
—
—
+150
°C
—
Storage Temperature Range
TS
–55
—
+150
°C
—
Soldering Temperature
—
—
—
+260
°C
40 sec. max.
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature, and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +150°C rating. Sustained junction temperatures above +150°C can impact the device reliability.
DSC1102/22
DS20006254A-page 4
 2019 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28