Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSC1122AI2-T Arkusz danych(PDF) 14 Page - Microchip Technology

Numer części DSC1122AI2-T
Szczegółowy opis  Low-Jitter Precision LVPECL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1122AI2-T Arkusz danych(HTML) 14 Page - Microchip Technology

Back Button DSC1122AI2-T Datasheet HTML 10Page - Microchip Technology DSC1122AI2-T Datasheet HTML 11Page - Microchip Technology DSC1122AI2-T Datasheet HTML 12Page - Microchip Technology DSC1122AI2-T Datasheet HTML 13Page - Microchip Technology DSC1122AI2-T Datasheet HTML 14Page - Microchip Technology DSC1122AI2-T Datasheet HTML 15Page - Microchip Technology DSC1122AI2-T Datasheet HTML 16Page - Microchip Technology DSC1122AI2-T Datasheet HTML 17Page - Microchip Technology DSC1122AI2-T Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Microchip Technology Drawing C04-1007A Sheet 2 of 2
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
6-Lead Very Thin Plastic Dual Flatpack No-Lead (H5A) - 3.2x2.5 mm Body [VDFN]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Terminal Width
Pitch
Standoff
Units
Dimension Limits
A1
A
b2
b1
e
L
E
N
1.05 BSC
0.85
0.65
0.45
0.80
0.00
0.50
0.70
0.90
0.85
0.02
2.50 BSC
MILLIMETERS
MIN
NOM
6
0.95
0.75
0.55
0.90
0.05
MAX
L1
0.10 REF
Terminal Pullback
Overall Length
D
3.20 BSC
DSC1102/22
DS20006254A-page 14
 2019 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28