| Zakładka z wyszukiwarką danych komponentów |
|
TMS320F28375DPZP Arkusz danych(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPZP Arkusz danych(HTML) 41 Page - Texas Instruments |
|
41 / 222 page ![]() 41 TMS320F28379D, TMS320F28378D, TMS320F28377D TMS320F28376D, TMS320F28375D, TMS320F28374D www.ti.com SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018 Submit Documentation Feedback Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D TMS320F28374D Terminal Configuration and Functions Copyright © 2013–2018, Texas Instruments Incorporated (1) I = Input, O = Output, OD = Open Drain (2) GPIO Index settings of 9, 10, 11, 13, and 14 are reserved. 4.4 Pin Multiplexing 4.4.1 GPIO Muxed Pins Table 4-3 shows the GPIO muxed pins. The default for each pin is the GPIO function, secondary functions can be selected by setting both the GPyGMUXn.GPIOz and GPyMUXn.GPIOz register bits. The GPyGMUXn register should be configured prior to the GPyMUXn to avoid transient pulses on GPIO's from alternate mux selections. Columns not shown and blank cells are reserved GPIO Mux settings. Table 4-3. GPIO Muxed Pins(1)(2) GPIO Mux Selection GPIO Index 0, 4, 8, 12 1 2 3 5 6 7 15 GPyGMUXn. GPIOz = 00b, 01b, 10b, 11b 00b 01b 11b GPyMUXn. GPIOz = 00b 01b 10b 11b 01b 10b 11b 11b GPIO0 EPWM1A (O) SDAA (I/OD) GPIO1 EPWM1B (O) MFSRB (I/O) SCLA (I/OD) GPIO2 EPWM2A (O) OUTPUTXBAR1 (O) SDAB (I/OD) GPIO3 EPWM2B (O) OUTPUTXBAR2 (O) MCLKRB (I/O) OUTPUTXBAR2 (O) SCLB (I/OD) GPIO4 EPWM3A (O) OUTPUTXBAR3 (O) CANTXA (O) GPIO5 EPWM3B (O) MFSRA (I/O) OUTPUTXBAR3 (O) CANRXA (I) GPIO6 EPWM4A (O) OUTPUTXBAR4 (O) EXTSYNCOUT (O) EQEP3A (I) CANTXB (O) GPIO7 EPWM4B (O) MCLKRA (I/O) OUTPUTXBAR5 (O) EQEP3B (I) CANRXB (I) GPIO8 EPWM5A (O) CANTXB (O) ADCSOCAO (O) EQEP3S (I/O) SCITXDA (O) GPIO9 EPWM5B (O) SCITXDB (O) OUTPUTXBAR6 (O) EQEP3I (I/O) SCIRXDA (I) GPIO10 EPWM6A (O) CANRXB (I) ADCSOCBO (O) EQEP1A (I) SCITXDB (O) UPP-WAIT (I/O) GPIO11 EPWM6B (O) SCIRXDB (I) OUTPUTXBAR7 (O) EQEP1B (I) SCIRXDB (I) UPP-START (I/O) GPIO12 EPWM7A (O) CANTXB (O) MDXB (O) EQEP1S (I/O) SCITXDC (O) UPP-ENA (I/O) GPIO13 EPWM7B (O) CANRXB (I) MDRB (I) EQEP1I (I/O) SCIRXDC (I) UPP-D7 (I/O) GPIO14 EPWM8A (O) SCITXDB (O) MCLKXB (I/O) OUTPUTXBAR3 (O) UPP-D6 (I/O) GPIO15 EPWM8B (O) SCIRXDB (I) MFSXB (I/O) OUTPUTXBAR4 (O) UPP-D5 (I/O) GPIO16 SPISIMOA (I/O) CANTXB (O) OUTPUTXBAR7 (O) EPWM9A (O) SD1_D1 (I) UPP-D4 (I/O) GPIO17 SPISOMIA (I/O) CANRXB (I) OUTPUTXBAR8 (O) EPWM9B (O) SD1_C1 (I) UPP-D3 (I/O) GPIO18 SPICLKA (I/O) SCITXDB (O) CANRXA (I) EPWM10A (O) SD1_D2 (I) UPP-D2 (I/O) GPIO19 SPISTEA (I/O) SCIRXDB (I) CANTXA (O) EPWM10B (O) SD1_C2 (I) UPP-D1 (I/O) GPIO20 EQEP1A (I) MDXA (O) CANTXB (O) EPWM11A (O) SD1_D3 (I) UPP-D0 (I/O) GPIO21 EQEP1B (I) MDRA (I) CANRXB (I) EPWM11B (O) SD1_C3 (I) UPP-CLK (I/O) GPIO22 EQEP1S (I/O) MCLKXA (I/O) SCITXDB (O) EPWM12A (O) SPICLKB (I/O) SD1_D4 (I) GPIO23 EQEP1I (I/O) MFSXA (I/O) SCIRXDB (I) EPWM12B (O) SPISTEB (I/O) SD1_C4 (I) GPIO24 OUTPUTXBAR1 (O) EQEP2A (I) MDXB (O) SPISIMOB (I/O) SD2_D1 (I) GPIO25 OUTPUTXBAR2 (O) EQEP2B (I) MDRB (I) SPISOMIB (I/O) SD2_C1 (I) GPIO26 OUTPUTXBAR3 (O) EQEP2I (I/O) MCLKXB (I/O) OUTPUTXBAR3 (O) SPICLKB (I/O) SD2_D2 (I) GPIO27 OUTPUTXBAR4 (O) EQEP2S (I/O) MFSXB (I/O) OUTPUTXBAR4 (O) SPISTEB (I/O) SD2_C2 (I) GPIO28 SCIRXDA (I) EM1CS4 (O) OUTPUTXBAR5 (O) EQEP3A (I) SD2_D3 (I) GPIO29 SCITXDA (O) EM1SDCKE (O) OUTPUTXBAR6 (O) EQEP3B (I) SD2_C3 (I) GPIO30 CANRXA (I) EM1CLK (O) OUTPUTXBAR7 (O) EQEP3S (I/O) SD2_D4 (I) GPIO31 CANTXA (O) EM1WE (O) OUTPUTXBAR8 (O) EQEP3I (I/O) SD2_C4 (I) GPIO32 SDAA (I/OD) EM1CS0 (O) GPIO33 SCLA (I/OD) EM1RNW (O) GPIO34 OUTPUTXBAR1 (O) EM1CS2 (O) SDAB (I/OD) GPIO35 SCIRXDA (I) EM1CS3 (O) SCLB (I/OD) GPIO36 SCITXDA (O) EM1WAIT (I) CANRXA (I) GPIO37 OUTPUTXBAR2 (O) EM1OE (O) CANTXA (O) GPIO38 EM1A0 (O) SCITXDC (O) CANTXB (O) GPIO39 EM1A1 (O) SCIRXDC (I) CANRXB (I) |