| Zakładka z wyszukiwarką danych komponentów |
|
TMS320F28375DPZP Arkusz danych(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPZP Arkusz danych(HTML) 9 Page - Texas Instruments |
|
9 / 222 page ![]() 9 TMS320F28379D, TMS320F28378D, TMS320F28377D TMS320F28376D, TMS320F28375D, TMS320F28374D www.ti.com SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018 Submit Documentation Feedback Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D TMS320F28374D Device Comparison Copyright © 2013–2018, Texas Instruments Incorporated 3.1 Related Products For information about other devices in the Delfino family of products, see the following links: TMS320F2837xD Delfino™ Microcontrollers The F2837xD series sets a new standard for performance with dual subsystems. Each subsystem consists of a C28x CPU and a parallel control law accelerator (CLA), each running at 200 MHz. Enhancing performance are TMU and VCU accelerators. New capabilities include multiple 16-bit/12-bit mode ADCs, DAC, Sigma-Delta filters, USB, configurable logic block (CLB), on-chip oscillators, and enhanced versions of all peripherals. The F2837xD is available with up to 1MB of Flash. It is available in a 176-pin QFP or 337-pin BGA package. TMS320F2837xS Delfino™ Microcontrollers The F2837xS series is a pin-to-pin compatible version of F2837xD but with only one C28x-CPU-and-CLA subsystem enabled. It is also available in a 100-pin QFP to enable compatibility with the Piccolo™ TMS320F2807x series. |