| Zakładka z wyszukiwarką danych komponentów |
|
LM2903AVQDR Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM2903AVQDR Arkusz danych(HTML) 5 Page - Texas Instruments |
|
5 / 46 page ![]() 5 LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V, LM393B, LM2903B www.ti.com SLCS005AB – OCTOBER 1979 – REVISED DECEMBER 2019 Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V LM393B LM2903B Submit Documentation Feedback Copyright © 1979–2019, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. Production Processing Does Not Necessarily Include Testing of All Parameters. (2) All voltage values, except differential voltages, are with respect to network ground. (3) Differential voltages are at IN+ with respect to IN–. (4) Input current flows thorough parasitic diode to ground and turns on parasitic transistors that increases ICC and may cause output to be incorrect. Normal operation resumes when input current is removed. (5) Short circuits from outputs to VCC can cause excessive heating and eventual destruction. 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC Supply voltage(2) Non-B Versions –0.3 36 V B Versions Only 38 VID Differential input voltage(3) Non-B Versions -36 36 V B Versions Only -38 38 VI Input voltage (either input) Non-B Versions –0.3 36 V B Versions Only 38 IIK Input current(4) -50 mA VO Output voltage Non-B Versions –0.3 36 V B Versions Only 38 IO Output current Non-B Versions 20 mA B Versions Only 25 ISC Duration of output short circuit to ground(5) Unlimited TJ Operating virtual-junction temperature 150 °C Tstg Storage temperature –65 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.2 ESD Ratings VALUE UNIT LM393B and LM2903B Only V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V Charged-device model (CDM), per JEDEC specification JESD22-C101(2) ±1000 All Other Versions V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±1000 V Charged-device model (CDM), per JEDEC specification JESD22-C101(2) ±750 6.3 Recommended Operating Conditions Over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT Supply voltage, VS = (V+) – (V–) non-V devices 2 30 V V devices 2 32 "B" version devices 3 36 Input voltage range, VIVR non-B devices 0 (V+) – 2.0 V "B" version devices –0.1 Ambient temperature, TA LM193 –55 125 °C LM2903, LM2903V, LM2903AV, LM2903B –40 125 LM393B –40 85 LM293, LM293A –25 85 LM393, LM393A 0 70 |