| Zakładka z wyszukiwarką danych komponentów |
|
LM2903AVQDR Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM2903AVQDR Arkusz danych(HTML) 7 Page - Texas Instruments |
|
7 / 46 page ![]() 7 LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V, LM393B, LM2903B www.ti.com SLCS005AB – OCTOBER 1979 – REVISED DECEMBER 2019 Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V LM393B LM2903B Submit Documentation Feedback Copyright © 1979–2019, Texas Instruments Incorporated 6.7 Electrical Characteristics LM393B VS = 5 V, VCM = (V–) ; TA = 25°C (unless otherwise noted). PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIO Input offset voltage VS = 5 to 36V –2.5 ±0.37 2.5 mV VS = 5 to 36V, TA = –40°C to +85°C –4 4 IB Input bias current –3.5 –25 nA TA = –40°C to +85°C –50 nA IOS Input offset current –10 ±0.5 10 nA TA = –40°C to +85°C –25 25 nA VCM Common mode range VS = 3 to 36V (V–) (V+) – 1.5 V VCM Common mode range VS = 3 to 36V, TA = –40°C to +85°C (V–) (V+) – 2.0 V AVD Large signal differential voltage amplification VS = 15V, VO = 1.4V to 11.4V; RL ≥ 15k to (V+) 50 200 V/mV VOL Low level output Voltage {swing from (V–)} ISINK ≤ 4mA, VID = -1V 110 400 mV ISINK ≤ 4mA, VID = -1V TA = –40°C to +85°C 550 mV IOH-LKG High-level output leakage current (V+) = VO = 5 V; VID = 1V 0.1 20 nA (V+) = VO = 36V; VID = 1V 0.3 50 nA IOL Low level output current VOL = 1.5V; VID = -1V; VS = 5V 6 21 mA IQ Quiescent current (all comparators) VS = 5 V, no load 400 600 µA VS = 36 V, no load, TA = –40°C to +85°C 550 800 µA |