| Zakładka z wyszukiwarką danych komponentów |
|
ATS625LSG Arkusz danych(PDF) 20 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS625LSG Arkusz danych(HTML) 20 Page - Allegro MicroSystems |
|
20 / 21 page ![]() True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor ATS625LSG 20 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com Package SG, 4-Pin SIP Preliminary dimensions, for reference only Untoleranced dimensions are nominal. Dimensions in millimeters U.S. Customary dimensions (in.) in brackets, for reference only Dimensions exclusive of mold flash, burrs, and dambar protrusions Exact case and lead configuration at supplier discretion within limits shown 1.08 .043 8.0 .315 5.5 .217 0.38 .015 4.7 .185 15.3 .602 5.8 .228 2.9 .114 1.7 .067 0.4 .016 0.6 .024 1.27 .050 20.95 .825 24 3 1 A A C D B A B C Dambar removal protrusion (16X) E Hall elements (2X) E Metallic protrusion, electrically connected to pin 4 and substrate (both sides) Thermoplastic Molded Lead Bar for alignment during shipment Active Area Depth, 0.43 [.017] D E 1.10 .0433 1.10 .0433 |