Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FJB102 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FJB102
Szczegółowy opis  High Voltage Power Darlington Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJB102 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FJB102 Datasheet HTML 1Page - Fairchild Semiconductor FJB102 Datasheet HTML 2Page - Fairchild Semiconductor FJB102 Datasheet HTML 3Page - Fairchild Semiconductor FJB102 Datasheet HTML 4Page - Fairchild Semiconductor FJB102 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
FJB102 Rev. A
Typical Performance Characteristics
Figure 1. Static Characterstic
Figure 2. DC Current Gain
Figure 3. Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Forward Biased Safe Operating
Area
Figure 6. Power Derating
012
345
0
1
2
3
4
5
I
B = 1mA
I
B = 300µA
I
B = 200µA
I
B = 100µA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.1
1
10
100
1k
10k
V
CE = 4V
I
C[A], COLLECTOR CURRENT
0.1
1
10
100
100
1k
10k
I
C = 500 IB
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0.1
1
10
100
1
10
100
1k
10k
V
CB[V], COLLECTOR-BASE VOLTAGE
I
E=0, f=1MHz
0.1
1
10
100
0.01
0.1
1
10
100
5ms
100µs
1ms
DC
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
T
C[
oC], CASE TEMPERATURE



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com