Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FJB102 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FJB102
Szczegółowy opis  High Voltage Power Darlington Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJB102 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FJB102 Datasheet HTML 1Page - Fairchild Semiconductor FJB102 Datasheet HTML 2Page - Fairchild Semiconductor FJB102 Datasheet HTML 3Page - Fairchild Semiconductor FJB102 Datasheet HTML 4Page - Fairchild Semiconductor FJB102 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FJB102 Rev. A
FJB102
High Voltage Power Darlington Transistor
Features
• High DC Current Gain : hFE=1000 @ VCE=4V, IC=3A (Min.)
• Low Collector-Emitter Saturation Voltage
• High Collector-Emitter Sustaining Voltage
• Monolithic Construction with Built-in Base-Emitter Shunt Resistors
• Industrial Use
Absolute Maximum Ratings
* Pulse Test: PW = 300
µs, Duty Cycle = 2% Pulsed
Package Marking and Ordering Information
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
8
A
ICP
* Collector Current (Pulse)
15
A
IB
Base Current (DC)
1
A
PC
Collector Dissipation (TC = 25°C)
80
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FJB102
FJB102
D2-PAK
13” Dia
-
800
D2-PAK
1.Base 2.Collector 3.Emitter
1
R1
10k
R2
0.6k
Equivalent Circuit
B
E
C
R1
R2


Podobny numer części - FJB102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FJB102 ISC-FJB102 Datasheet
278Kb / 2P
isc Silicon NPN Power Transistor
logo
ON Semiconductor
FJB102 ONSEMI-FJB102 Datasheet
362Kb / 7P
NPN High-Voltage Power Darlington Transistor
December 2014 Rev. 1.1.0
FJB102TM ONSEMI-FJB102TM Datasheet
362Kb / 7P
NPN High-Voltage Power Darlington Transistor
December 2014 Rev. 1.1.0
More results

Podobny opis - FJB102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZTA27 CENTRAL-CZTA27 Datasheet
65Kb / 2P
NPN HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
STMicroelectronics
BU808DFH STMICROELECTRONICS-BU808DFH Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
Apr-2002
logo
Fairchild Semiconductor
FJP9100 FAIRCHILD-FJP9100 Datasheet
70Kb / 5P
High Voltage Power Darlington Transistor
699440 FAIRCHILD-699440 Datasheet
80Kb / 5P
High Voltage Power Darlington Transistor
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122_07 Datasheet
232Kb / 9P
Low voltage power Darlington transistor
03-Oct-2007
logo
Comset Semiconductor
BU911 COMSET-BU911 Datasheet
233Kb / 2P
HIGH VOLTAGE POWER DARLINGTON
BU911 COMSET-BU911_12 Datasheet
98Kb / 3P
HIGH VOLTAGE POWER DARLINGTON
logo
Renesas Technology Corp
PS2702-1 RENESAS-PS2702-1_15 Datasheet
249Kb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR
logo
First Components Intern...
2SD1088 FCI-2SD1088 Datasheet
173Kb / 3P
High Voltage Darlington Power Transistor
logo
ON Semiconductor
FJB102 ONSEMI-FJB102 Datasheet
362Kb / 7P
NPN High-Voltage Power Darlington Transistor
December 2014 Rev. 1.1.0
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com