Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F14468 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części F14468
Szczegółowy opis  ~60째 110째 medium beam
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14468 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  F14468 Datasheet HTML 1Page - Ledil, Inc. F14468 Datasheet HTML 2Page - Ledil, Inc. F14468 Datasheet HTML 3Page - Ledil, Inc. F14468 Datasheet HTML 4Page - Ledil, Inc. F14468 Datasheet HTML 5Page - Ledil, Inc. F14468 Datasheet HTML 6Page - Ledil, Inc. F14468 Datasheet HTML 7Page - Ledil, Inc. F14468 Datasheet HTML 8Page - Ledil, Inc. F14468 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT
DATASHEET
F14468_FLORENCE-1R-Z60
FLORENCE-1R-Z60
~60° + 110° medium beam
TECHNICAL SPECIFICATIONS:
Dimensions
19.5 x 286.0 mm
Height
7.6 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
FLORENCE-1R-Z60
Linear lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F14468_FLORENCE-1R-Z60
» Box size: 398 x 298 x 265 mm
165
45
15
7.1
Last update: 23/08/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/11


Podobny numer części - F14468

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
F14468 CREE-F14468 Datasheet
3Mb / 47P
Florence series
More results

Podobny opis - F14468

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
C16369 LEDIL-C16369 Datasheet
1Mb / 4P
~60째 beam
FN14828 LEDIL-FN14828 Datasheet
7Mb / 11P
~60째 medium beam
C15184 LEDIL-C15184 Datasheet
5Mb / 8P
~60째 medium beam for industrial applications
C15246 LEDIL-C15246 Datasheet
3Mb / 6P
~60째 medium beam for industrial applications
C15431 LEDIL-C15431 Datasheet
8Mb / 6P
~60째 medium beam for industrial applications
F16747 LEDIL-F16747 Datasheet
6Mb / 6P
~110째 100째 wide beam
F15541 LEDIL-F15541 Datasheet
2Mb / 6P
~60째 beam
C16597 LEDIL-C16597 Datasheet
7Mb / 6P
~60째 medium beam for industrial applications
C16041 LEDIL-C16041 Datasheet
2Mb / 4P
~60째 medium beam for industrial applications.
C16800 LEDIL-C16800 Datasheet
2Mb / 4P
~60째 medium beam for industrial applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com