Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F14468 Arkusz danych(PDF) 5 Page - Ledil, Inc.

Numer części F14468
Szczegółowy opis  ~60째 110째 medium beam
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14468 Arkusz danych(HTML) 5 Page - Ledil, Inc.

  F14468 Datasheet HTML 1Page - Ledil, Inc. F14468 Datasheet HTML 2Page - Ledil, Inc. F14468 Datasheet HTML 3Page - Ledil, Inc. F14468 Datasheet HTML 4Page - Ledil, Inc. F14468 Datasheet HTML 5Page - Ledil, Inc. F14468 Datasheet HTML 6Page - Ledil, Inc. F14468 Datasheet HTML 7Page - Ledil, Inc. F14468 Datasheet HTML 8Page - Ledil, Inc. F14468 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PRODUCT
DATASHEET
F14468_FLORENCE-1R-Z60
PHOTOMETRIC DATA (MEASURED):
LED
LUXEON 3535L
FWHM
59.0 + 110.0°
Efficiency
94 %
Peak intensity
0.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
MP-2016
FWHM
58.0 + 115.0°
Efficiency
94 %
Peak intensity
0.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
NF2x757D
FWHM
59.0 + 114.0°
Efficiency
94 %
Peak intensity
0.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
NF2x757G
FWHM
56.0 + 111.0°
Efficiency
93 %
Peak intensity
0.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
Last update: 23/08/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com