Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS32K112WVT0VLHT Arkusz danych(PDF) 20 Page - NXP Semiconductors

Numer części FS32K112WVT0VLHT
Szczegółowy opis  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112WVT0VLHT Arkusz danych(HTML) 20 Page - NXP Semiconductors

Back Button FS32K112WVT0VLHT Datasheet HTML 16Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 17Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 18Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 19Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 20Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 21Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 22Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 23Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
Table 12. Power mode transition operating behaviors for S32K14xW series
Symbol
Description
Min.
Typ.
Max.
Unit
tPOR
After a POR event, amount of time from the point VDD
reaches 3.13 V to execution of the first instruction
across the operating temperature range of the chip.
—
TBD
—
μs
VLPS → RUN
TBD
—
TBD
μs
STOP1 → RUN
TBD
TBD
TBD
μs
STOP2 → RUN
TBD
TBD
TBD
μs
VLPR → RUN
TBD
—
TBD
μs
VLPR → VLPS
TBD
TBD
TBD
μs
VLPS → VLPR
TBD
TBD
TBD
μs
RUN → Compute operation
TBD
TBD
TBD
μs
RUN → STOP1
TBD
TBD
TBD
μs
RUN → STOP2
TBD
TBD
TBD
μs
RUN → VLPS
TBD
TBD
TBD
μs
RUN → VLPR
TBD
TBD
TBD
μs
VLPS → Asynchronous DMA Wakeup
TBD
TBD
TBD
μs
STOP1 → Asynchronous DMA Wakeup
TBD
TBD
TBD
μs
STOP2 → Asynchronous DMA Wakeup
TBD
TBD
TBD
μs
Pin reset → Code execution
—
TBD
—
μs
4.7 Power consumption
The following table shows the power consumption targets for the device in various mode
of operations. Attached S32K1xx_Power_Modes _Configuration.xlsx details the modes
used in gathering the power consumption data stated in the following table Table 13. For
full functionality refer to table: Module operation in available power modes of the
Reference Manual
.
General
S32K1xx Data Sheet, Rev. 13, 04/2020
20
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com