Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS32K112WVT0VLHT Arkusz danych(PDF) 99 Page - NXP Semiconductors

Numer części FS32K112WVT0VLHT
Szczegółowy opis  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112WVT0VLHT Arkusz danych(HTML) 99 Page - NXP Semiconductors

Back Button FS32K112WVT0VLHT Datasheet HTML 92Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 93Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 94Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 95Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 96Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 97Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 98Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 99Page - NXP Semiconductors FS32K112WVT0VLHT Datasheet HTML 100Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
Table 57. Revision History (continued)
Rev. No.
Date
Substantial Changes
• Added 48-pin LQFP for S32K142 and S32K144
• Added 100-pin LQFP for S32K148, along with footnote
• In Ordering information :
• Updated 'Ordering option'
• Updated note 2
• In Thermal characteristics :
• Added values for 48-pin LQFP for S32K142 and S32K144
• Added values for 100-pin LQFP for S32K148
11
27 June 2019
• In Notes: Removed note 'Technical information for the S32K148 ... '
12
04 Feb 2020
• In Notes: Added note: 'Technical information for ...'
• Added S32K14xW information throughout
• Removed "Under development" from the footnote number 6 in Figure 3.
• Updated Trace electrical specifications to clarify that the section applies only
for ETM Trace and is supported only by S32K148.
• In Table 28, added a new footnote from fosc_hi Max entry.
• Updated Figure 21 for number 8.
• In Reliability specifications, tnvmretee is changed to tnvmretee100, and added a
new row for the parameter tnvmretee10. And footnotes are updated in this topic.
13
05 April 2020
• In LVR, LVD and POR operating requirements,
• Updated table title for S32K14xW series
• Updated values for VLVR for S32K14xW series
• In Absolute maximum ratings, updated TJ for S32K14xW series
• In Thermal operating characteristics, updated TJ for S32K14xW series
• In External System Oscillator electrical specifications, added note 'Minimum
value is shown as a reference only ... ' to Vpp_EXTAL
Revision History
S32K1xx Data Sheet, Rev. 13, 04/2020
NXP Semiconductors
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com