Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

B7NE65 Arkusz danych(PDF) 6 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Numer części B7NE65
Szczegółowy opis  7A 650V N-channel Enhancement Mode Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Strona internetowa  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

B7NE65 Arkusz danych(HTML) 6 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Back Button B7NE65 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd B7NE65 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd B7NE65 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd B7NE65 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd B7NE65 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd B7NE65 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd B7NE65 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd B7NE65 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd B7NE65 Datasheet HTML 10Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 6 of 11
B7NE65
6
Typical Test Circuit and Waveform
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
B
C
D
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
D
C
B
A
Title
N u mb er
R ev is io n
Size
E
D ate:
2 5 -M ay -2 0 1 7
Sh eet
o f
File:
C :\ U s ers \A dm in is trat or \D es k to p \ 模板\w x d hq x t ( 1) . d db
D raw n B y :
Same Type
50KΩ
DUT
V
DS
200nF
V
12V
200nF
is DUT
GS
V
GS
10V
Q gs
Q
gd
Q g
V
DS
R
L
V
DD
DUT
V
GS
R
G
10V
V
DS
90%
10%
V
GS
td(on)
tr
td(off)
tf
I
D
di/dt=100A/μA
Q
trr
rr
di/dt adj.
Double Pulse
D.U.T
I
L
Current Pump
V
DD
D
1) Gate Charge Test Circuit & Waveform
2) Resistive Switching Test Circuit & Waveforms
3) Diode Reverse Recovery Test Circuit & Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com