| Zakładka z wyszukiwarką danych komponentów |
|
ASM707EPAF Arkusz danych(PDF) 5 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM707EPAF Arkusz danych(HTML) 5 Page - Alliance Semiconductor Corporation |
|
5 / 16 page ![]() 5 of 16 Notice: The information in this document is subject to change without notice Low Power µP Supervisor Circuits ASM705 / 706 / 707 / 708 ASM813L rev 1.5 February 2005 transitions at WDI will reset the watchdog timer and initiate a new countdown sequence. WDO will also become LOW and remain so, whenever the supply voltage, VCC , falls below the device threshold level. WDO goes HIGH as soon as VCC transitions above the threshold. There is no minimum pulse width for WDO as there is for the RESET outputs. If WDI is floated, WDO essentially acts as a low-power output indicator. Application Information Ensuring That RESET is Valid Down to VCC = 0V When VCC falls below 1.1V, the ASM705-708 RESET output no longer pulls down; it becomes indeterminate. To avoid the possibility that stray charges build up and force RESET to the wrong state, a pull-down resistor should be connected to the RESET pin, thus draining such charges to ground and holding RESET low. The resistor value is not critical. A 100k Ω resistor will pull RESET to ground without loading it. Bi-directional Reset Pin Interfacing The ASM705/6/7/8 can interface with µP/µC bi-directional reset pins by connecting a 4.7k Ω resistor in series with the RESET output and the µP/µC bi-directional RESET pin. Monitoring Voltages Other Than VCC The ASM705-708 can monitor voltages other than VCC using the Power Fail circuitry. If a resistive divider is connected from the voltage to be monitored to the Power Fail input (PFI), the PFO will go LOW if the voltage at PFI goes below 1.25V reference. Should hysteresis be desired, connect a resistor (equal to approximately 10 times the sum of the two resistors in the divider) between the PFI and PFO pins. A capacitor between PFI and GND will reduce circuit sensitivity to input high-frequency noise. If it is desired to assert a RESET for voltages other than VCC then the PFO output is to be connected to the MR. Supply Voltage BUF Buffered RESET VCC ASM70x GND GND RESET RESET Input µC or µP 4.7kΩ Bi-directional I/O Pin Figure 3: Bi-directional Reset Pin Interfacing VCC PFI MR PFO VIN R1 R2 ASM70x RESET GND +5V To µP Figure 4: Monitoring +5V and an additional supply VIN WDI WDO RESET RESET Figure 2: Watchdog Timing |