| Zakładka z wyszukiwarką danych komponentów |
|
ASM707EPAF Arkusz danych(PDF) 7 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM707EPAF Arkusz danych(HTML) 7 Page - Alliance Semiconductor Corporation |
|
7 / 16 page ![]() ASM705 / 706 / 707 / 708 7 of 16 Notice: The information in this document is subject to change without notice Low Power µP Supervisor Circuits ASM813L rev 1.5 February 2005 Absolute Maximum Ratings Parameter Min Max Unit Pin Terminal Voltage with Respect to Ground VCC -0.3 6.0 V All other inputs 1 -0.3 VCC + 0.3 V Input Current at VCC and GND 20 mA Output Current: All outputs 20 mA Rate of Rise at VCC 100 V/µs Plastic DIP Power Dissipation (Derate 9mW/°C above 70°C) 700 mV SO Power Dissipation (Derate 5.9mW/°C above 70°C) 470 mW‘ MicroSO Power Dissipation (Derate 4.1mW/°C above 70°C) 330 mW Operating Temperature Range ASM705E/706E/707E/708E/813LE -40 +85 °C ASM705C/706C/707C/708C/813LC 0 70 °C Storage Temperature Range -65 160 °C Lead Temperature (Soldering 10sec) 300 °C ESD rating HBM MM 2 200 KV V Note: 1. The input voltage limits of PFI and MR can be exceeded if the input current is less than 10mA. These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for pro- longed time periods may affect device reliability. |