| Zakładka z wyszukiwarką danych komponentów |
|
PWCT2124AFVLLPR Arkusz danych(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PWCT2124AFVLLPR Arkusz danych(HTML) 22 Page - NXP Semiconductors |
|
22 / 65 page ![]() 5.7 Standard input pin capacitance Table 13. Standard input pin capacitance Symbol Description Min. Max. Unit CIN_D Input capacitance: digital pins — 7 pF NOTE Please refer to External System Oscillator electrical specifications for EXTAL/XTAL pins. 5.8 Device clock specifications Table 14. Device clock specifications 1 Symbol Description Min. Max. Unit High Speed run mode2 fSYS System and core clock — 112 MHz fBUS Bus clock — 56 MHz fFLASH Flash clock — 28 MHz Normal run mode (MWCT101xS series) 3 fSYS System and core clock — 80 MHz fBUS Bus clock — 404 MHz fFLASH Flash clock — 26.67 MHz VLPR mode5 fSYS System and core clock — 4 MHz fBUS Bus clock — 4 MHz fFLASH Flash clock — 1 MHz fERCLK External reference clock — 16 MHz 1. Refer to the section Feature comparison for the availability of modes and other specifications. 2. Only available on some devices. See section Feature comparison. 3. With SPLL as system clock source. 4. 48 MHz when fSYS is 48 MHz 5. The frequency limitations in VLPR mode here override any frequency specification listed in the timing specification for any other module. I/O parameters MWCT101XS Data Sheet, Rev. 3, 12/2019 22 NXP Semiconductors |