Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PWCT2124AFVLLPR Arkusz danych(PDF) 60 Page - NXP Semiconductors

Numer części PWCT2124AFVLLPR
Szczegółowy opis  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2124AFVLLPR Arkusz danych(HTML) 60 Page - NXP Semiconductors

Back Button PWCT2124AFVLLPR Datasheet HTML 56Page - NXP Semiconductors PWCT2124AFVLLPR Datasheet HTML 57Page - NXP Semiconductors PWCT2124AFVLLPR Datasheet HTML 58Page - NXP Semiconductors PWCT2124AFVLLPR Datasheet HTML 59Page - NXP Semiconductors PWCT2124AFVLLPR Datasheet HTML 60Page - NXP Semiconductors PWCT2124AFVLLPR Datasheet HTML 61Page - NXP Semiconductors PWCT2124AFVLLPR Datasheet HTML 62Page - NXP Semiconductors PWCT2124AFVLLPR Datasheet HTML 63Page - NXP Semiconductors PWCT2124AFVLLPR Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
To determine the junction temperature of the device in the application when heat sinks
are not used, the Thermal Characterization Parameter (
ΨJT) can be used to determine the
junction temperature with a measurement of the temperature at the top center of the
package case using this equation:
where:
• TT = thermocouple temperature on top of the package (°C)
•
ΨJT = thermal characterization parameter (°C/W)
• PD = power dissipation in the package (W)
The thermal characterization parameter is measured per JESD51-2 specification using a
40 gauge type T thermocouple epoxied to the top center of the package case. The
thermocouple should be positioned so that the thermocouple junction rests on the
package. A small amount of epoxy is placed over the thermocouple junction and over
about 1 mm of wire extending from the junction. The thermocouple wire is placed flat
against the package case to avoid measurement errors caused by cooling effects of the
thermocouple wire.
Dimensions
8.1 Obtaining package dimensions
Package dimensions are provided in the package drawings.
To find a package drawing, go to http://www.nxp.com and perform a keyword search for
the drawing’s document number:
Package option
Document Number
64-pin LQFP
98ASS23234W
100-pin LQFP
98ASS23308W
100-pin MAPBGA
98ASA00802D
8
Dimensions
MWCT101XS Data Sheet, Rev. 3, 12/2019
60
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65