| Zakładka z wyszukiwarką danych komponentów |
|
PWCT1114SFVLLPR Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PWCT1114SFVLLPR Arkusz danych(HTML) 4 Page - NXP Semiconductors |
|
4 / 65 page ![]() 1 Block diagram The figure below shows a superset high level architecture block diagram of the device. Other devices within the family have a subset of the features. See Feature comparison for chip specific values. Mux Trace port Crossbar switch (AXBS-Lite) eDMA DMA MUX Core Peripheral bus controller CRC WDOG S1 M0 M1 DSP NVIC ITM FPB DWT AWIC SWJ-DP TPIU JTAG & Serial Wire Arm Cortex M4F AHB-AP PPB M2 S2 GPIO Mux FPU Clock SPLL LPO 128 kHz Async 512B TCD LPIT LPI2C FlexIO Flash memory controller Code flash S0 Data flash Low Power Timer 12-bit ADC TRGMUX LPUART LPSPI FlexCAN FlexTimer PDB generation LPIT Peripherals present on all MWCT101xS devices Peripherals present on selected MWCT101xS devices Key: Device architectural IP on all MWCT101xS devices S3 FIRC 48 MHz M3 SOSC 8-40 MHz (see the "Feature Comparison" memory memory 4-40 MHz QuadSPI RTC CMP 8-bit DAC SIRC 8 MHz FlexRAM/ SRAM 1: On this device, NXP’s system MPU implements the safety mechanisms to prevent masters from accessing restricted memory regions. This system MPU provides memory protection at the level of the Crossbar Switch. Each Crossbar master (Core, DMA) can be assigned different access rights to each protected memory region. The Arm M4 core version in this family does not integrate the Arm Core MPU, which would concurrently monitor only core-initiated memory accesses. In this document, the term MPU refers to NXP’s system MPU. 2: For the device-specific sizes, see the "On-chip SRAM sizes" table in the "Memories and Memory Interfaces" chapter of the MWCT101xS Series Reference Manual. section in the RM) ERM EWM MCM Lower region Upper region Main SRAM2 Code Cache EIM LMEM controller LMEM QSPI CSEc3 System MPU1 System MPU1 System MPU1 3: CSEc (Security) or EEPROM writes/erase will trigger error flags in HSRUN mode (112 MHz) because this use case is not allowed to execute simultaneously. The device needs to switch to RUN mode (80 MHz) to execute CSEc (Security) or EEPROM writes/erase. Figure 1. High-level architecture diagram for the MWCT101xS family Block diagram MWCT101XS Data Sheet, Rev. 3, 12/2019 4 NXP Semiconductors |