Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PWCT1114SFVLLPR Arkusz danych(PDF) 52 Page - NXP Semiconductors

Numer części PWCT1114SFVLLPR
Szczegółowy opis  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT1114SFVLLPR Arkusz danych(HTML) 52 Page - NXP Semiconductors

Back Button PWCT1114SFVLLPR Datasheet HTML 48Page - NXP Semiconductors PWCT1114SFVLLPR Datasheet HTML 49Page - NXP Semiconductors PWCT1114SFVLLPR Datasheet HTML 50Page - NXP Semiconductors PWCT1114SFVLLPR Datasheet HTML 51Page - NXP Semiconductors PWCT1114SFVLLPR Datasheet HTML 52Page - NXP Semiconductors PWCT1114SFVLLPR Datasheet HTML 53Page - NXP Semiconductors PWCT1114SFVLLPR Datasheet HTML 54Page - NXP Semiconductors PWCT1114SFVLLPR Datasheet HTML 55Page - NXP Semiconductors PWCT1114SFVLLPR Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
S2
S3
S3
S4
S4
SWD_CLK (input)
Figure 21. Serial wire clock input timing
S11
S12
S9
S10
Input data valid
Output data valid
SWD_CLK
SWD_DIO
SWD_DIO
SWD_DIO
S13
Figure 22. Serial wire data timing
6.6.2 Trace electrical specifications
The following table describes the Trace electrical characteristics.
• Measurements are with maximum output load of 50 pF, input transition of 1 ns and
pad configured with fastest slew settings (DSE = 1'b1).
• While doing the mode transition (RUN -> HSRUN or HSRUN -> RUN ), the
interface should be OFF.
Table 31. Trace specifications
Symbol
Description
RUN Mode
HSRUN Mode
VLPR
Mode
Unit
—
Fsys
System frequency
80
48
40
112
80
4
MHz
Table continues on the next page...
Debug modules
MWCT101XS Data Sheet, Rev. 3, 12/2019
52
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65