Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D4SL-N2FDG Arkusz danych(PDF) 5 Page - Omron Electronics LLC

Numer części D4SL-N2FDG
Szczegółowy opis  Worlds smallest Class 6-contact Guard Lock Safety-door Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4SL-N2FDG Arkusz danych(HTML) 5 Page - Omron Electronics LLC

  D4SL-N2FDG Datasheet HTML 1Page - Omron Electronics LLC D4SL-N2FDG Datasheet HTML 2Page - Omron Electronics LLC D4SL-N2FDG Datasheet HTML 3Page - Omron Electronics LLC D4SL-N2FDG Datasheet HTML 4Page - Omron Electronics LLC D4SL-N2FDG Datasheet HTML 5Page - Omron Electronics LLC D4SL-N2FDG Datasheet HTML 6Page - Omron Electronics LLC D4SL-N2FDG Datasheet HTML 7Page - Omron Electronics LLC D4SL-N2FDG Datasheet HTML 8Page - Omron Electronics LLC D4SL-N2FDG Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
D4SL-N / D4SL-NSK10-LK
@
5
Operation Keys
Connector Cables
Type
Model
Horizontal mounting
D4SL-NK1
Horizontal mounting
(Short)
D4SL-NK1S
Horizontal mounting
(Cushion rubber)
D4SL-NK1G
Vertical mounting
D4SL-NK2
Vertical mounting
(Cushion rubber)
D4SL-NK2G
Adjustable
(Horizontal)
D4SL-NK3
Cable length
Model
1 m
D4SL-CN1
3 m
D4SL-CN3
5 m
D4SL-CN5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com