| Zakładka z wyszukiwarką danych komponentów |
|
STM32WB55CCU6ATR Arkusz danych(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CCU6ATR Arkusz danych(HTML) 53 Page - STMicroelectronics |
|
53 / 193 page ![]() DS11929 Rev 10 53/193 STM32WB55xx STM32WB35xx Functional overview 57 The RTC is functional in VBAT mode and in all low-power modes when it is clocked by the LSE. When clocked by one of the LSIs, the RTC is not functional in VBAT mode, but is functional in all low-power modes except Shutdown mode. All RTC events (Alarm, WakeUp Timer, Timestamp or Tamper) can generate an interrupt and wakeup the device from the low-power modes. 3.22 Inter-integrated circuit interface (I2C) The devices embed two I2Cs. Refer to Table 14 for the features implementation. The I2C bus interface handles communications between the microcontroller and the serial I2C bus. It controls all I2C bus-specific sequencing, protocol, arbitration and timing. The I2C peripheral supports: I2C-bus specification and user manual rev. 5 compatibility: – Slave and master modes, multimaster capability – Standard-mode (Sm), with a bitrate up to 100 kbit/s – Fast-mode (Fm), with a bitrate up to 400 kbit/s – Fast-mode Plus (Fm+), with a bitrate up to 1 Mbit/s and 20 mA output drive I/Os – 7-bit and 10-bit addressing mode, multiple 7-bit slave addresses – Programmable setup and hold times – Optional clock stretching System Management Bus (SMBus) specification rev 2.0 compatibility: – Hardware PEC (packet error checking) generation and verification with ACK control – Address resolution protocol (ARP) support – SMBus alert Power System Management Protocol (PMBus™) specification rev 1.1 compatibility Independent clock: a choice of independent clock sources allowing the I2C communication speed to be independent from the PCLK reprogramming. Refer to Figure 9: Clock tree. Wakeup from Stop mode on address match Programmable analog and digital noise filters 1-byte buffer with DMA capability Table 14. I2C implementation I2C features(1) I2C1 I2C3 Standard-mode (up to 100 kbit/s) X X Fast-mode (up to 400 kbit/s) X X Fast-mode Plus with 20 mA output drive I/Os (up to 1 Mbit/s) X X Programmable analog and digital noise filters X X SMBus/PMBus hardware support X X |